Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC3220MODASM2MONR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # CC3220MODASM2MONR
Description  SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3220MODASM2MONR Datasheet(HTML) 16 Page - Texas Instruments

Back Button CC3220MODASM2MONR Datasheet HTML 12Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 13Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 14Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 15Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 16Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 17Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 18Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 19Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 100 page
background image
16
CC3220MOD, CC3220MODA
SWRS206B – MARCH 2017 – REVISED AUGUST 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3220MOD CC3220MODA
Terminal Configuration and Functions
Copyright © 2017, Texas Instruments Incorporated
Table 4-1. Module Pin Attributes (continued)
MODULE PIN
TYPE(1)
CC3220 DEVICE
PIN NO.
MODULE PIN DESCRIPTION
NO.
NAME
40
VBAT2
Power
10, 44, 54
Power supply for the module, must be connected to battery (2.3
V to 3.6 V)
42
GPIO30
I/O
53
GPIO(2)
43
GND
–
–
Ground
44
GPIO0
I/O
50
GPIO(2)
46
GPIO1
I/O
55
GPIO(2)
47
GPIO2
I/O
57
GPIO(2)
48
GPIO3
I/O
58
GPIO(2)
49
GPIO4
I/O
59
GPIO(2)
50
GPIO5
I/O
60
GPIO(2)
51
GPIO6
I/O
61
GPIO(2)
52
GPIO7
I/O
62
GPIO(2)
53
GPIO8
I/O
63
GPIO(2)
54
GPIO9
I/O
64
GPIO(2)
55
GND
–
–
Thermal ground
56
GND
–
–
Thermal ground
57
GND
–
–
Thermal ground
58
GND
–
–
Thermal ground
59
GND
–
–
Thermal ground
60
GND
–
–
Thermal ground
61
GND
–
–
Thermal ground
62
GND
–
–
Thermal ground
63
GND
–
–
Thermal ground
(1) I = input; O = output; I/O = bidirectional
(2) For pin multiplexing details, see Table 4-4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com