Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC3220MODASM2MONR Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
Part # CC3220MODASM2MONR
Description  SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3220MODASM2MONR Datasheet(HTML) 95 Page - Texas Instruments

Back Button CC3220MODASM2MONR Datasheet HTML 91Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 92Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 93Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 94Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 95Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 96Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 97Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 98Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 100 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
54X (
0.81)
(1.27) TYP
2X (19.1)
9X (
2)
(1.5)
6X (3)
(1.5)
6X (3)
2X (16.1)
0.05 MIN
ALL AROUND
(0.65)
TYP
(0.65)
TYP
(
0.2) TYP
VIA
(R0.05)
ALL PADS
(
8.1)
0.05 MIN TYP
QFM - 2.45 mm max height
MOB0063A
QUAD FLAT MODULE
4221462/B 10/2016
NOTES: (continued)
3. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments
literature number SLUA271 (www.ti.com/lit/slua271).
LAND PATTERN EXAMPLE
SOLDER MASK DEFINED
SCALE:6X
PKG
PKG
SEE DETAIL
1
2
15
16
17
27
28
29
42
43
44
54
55
57
58
60
63
61
METAL UNDER
SOLDER MASK
SOLDER MASK
OPENING
9X
(45 X 1)
56
59
62
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SIGNAL PADS DETAIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com