Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC3220MODASM2MONR Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # CC3220MODASM2MONR
Description  SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3220MODASM2MONR Datasheet(HTML) 51 Page - Texas Instruments

Back Button CC3220MODASM2MONR Datasheet HTML 47Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 48Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 49Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 50Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 51Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 52Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 53Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 54Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 100 page
background image
T2
T3
T4
T7
T8
T7
T8
T9
T10
T9
T10
T1
T11
TDI Input Valid
TDO Output Valid
TDO Output Valid
TMS Input Valid
TDI Input Valid
TCK
TMS
TDI
TDO
TMS Input Valid
51
CC3220MOD, CC3220MODA
www.ti.com
SWRS206B – MARCH 2017 – REVISED AUGUST 2017
Submit Documentation Feedback
Product Folder Links: CC3220MOD CC3220MODA
Specifications
Copyright © 2017, Texas Instruments Incorporated
5.14.5.5 IEEE 1149.1 JTAG
The Joint Test Action Group (JTAG) port is an IEEE standard that defines a test access port (TAP) and
boundary scan architecture for digital integrated circuits and provides a standardized serial interface to
control the associated test logic. For detailed information on the operation of the JTAG port and TAP
controller, see the IEEE Standard 1149.1,Test Access Port and Boundary-Scan Architecture.
Figure 5-14 shows the JTAG timing diagram.
Figure 5-14. JTAG Timing Diagram
Table 5-12 lists the JTAG timing parameters.
Table 5-12. JTAG Timing Parameters
ITEM
NAME
DESCRIPTION
MIN
MAX
UNIT
T1
fTCK
Clock frequency
15
MHz
T2
tTCK
Clock period
1 / fTCK
ns
T3
tCL
Clock low period
tTCK / 2
ns
T4
tCH
Clock high period
tTCK / 2
ns
T7
tTMS_SU
TMS setup time
1
ns
T8
tTMS_HO
TMS hold time
16
ns
T9
tTDI_SU
TDI setup time
1
ns
T10
tTDI_HO
TDI hold time
16
ns
T11
tTDO_HO
TDO hold time
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com