Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC3220MODASM2MONR Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # CC3220MODASM2MONR
Description  SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3220MODASM2MONR Datasheet(HTML) 43 Page - Texas Instruments

Back Button CC3220MODASM2MONR Datasheet HTML 39Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 40Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 41Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 42Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 43Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 44Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 45Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 46Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 100 page
background image
POWER
OFF
HW INIT
FW INIT
APP CODE
EXECUTION
VBAT
nRESET
STATE
T1
T2
T3
RESET
T4
32-kHz
RTC CLK
APP CODE
LOAD
43
CC3220MOD, CC3220MODA
www.ti.com
SWRS206B – MARCH 2017 – REVISED AUGUST 2017
Submit Documentation Feedback
Product Folder Links: CC3220MOD CC3220MODA
Specifications
Copyright © 2017, Texas Instruments Incorporated
(1)
°C/W = degrees Celsius per watt.
(2)
These values are based on a JEDEC-defined 2S2P system (with the exception of the Theta JC [RΘJC] value, which is based on a
JEDEC-defined 1S0P system) and will change based on environment as well as application. For more information, see these
EIA/JEDEC standards:
•
JESD51-2, Integrated Circuits Thermal Test Method Environmental Conditions - Natural Convection (Still Air)
•
JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-9, Test Boards for Area Array Surface Mount Package Thermal Measurements
Power dissipation of 2 W and an ambient temperature of 70ºC is assumed.
(3)
m/s = meters per second.
5.13 Thermal Resistance Characteristics for MOB and MON Packages
NAME
DESCRIPTION
°C/W(1) (2)
AIR FLOW (m/s)(3)
RΘJC
Junction-to-case
11.4
0.00
RΘJB
Junction-to-board
8.0
0.00
RΘJA
Junction-to-free air
18.7
0.00
PsiJT
Junction-to-package top
5.3
0.00
PsiJB
Junction-to-board
7.7
0.00
5.14 Timing and Switching Characteristics
5.14.1 Power-Up Sequencing
For proper start-up of the CC3220MODx and CC3220MODAx modules, perform the recommended power-
up sequencing as follows:
1. Tie VBAT1 (pin 37) and VBAT2 (pin 40) together on the board.
2. Hold the nRESET pin low while the supplies are ramping up.
Figure 5-6 shows the reset timing diagram for the first-time power-up and reset removal.
Figure 5-6. First-Time Power-Up and Reset Removal Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com