Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC3220MODASM2MONR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CC3220MODASM2MONR
Description  SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3220MODASM2MONR Datasheet(HTML) 9 Page - Texas Instruments

Back Button CC3220MODASM2MONR Datasheet HTML 5Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 6Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 7Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 8Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 9Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 10Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 11Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 12Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 100 page
background image
9
CC3220MOD, CC3220MODA
www.ti.com
SWRS206B – MARCH 2017 – REVISED AUGUST 2017
Submit Documentation Feedback
Product Folder Links: CC3220MOD CC3220MODA
Revision History
Copyright © 2017, Texas Instruments Incorporated
2
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from June 20, 2017 to August 2, 2017
Page
•
Changed the title of the data sheet
................................................................................................. 1
•
Updated Features
.................................................................................................................... 1
•
Updated Description
................................................................................................................. 1
•
Changed Features
.................................................................................................................... 1
•
Changed Applications
............................................................................................................... 2
•
Added part numbers in Device Information table
................................................................................ 4
•
Changed Device Comparison table
............................................................................................... 10
•
Changed Pin 31 in Pin Attributes and Pin Multiplexing table
.................................................................. 19
•
Added CC3220MODAx Antenna Characteristics
............................................................................... 41
•
Changed Wake Up From Hibernate Timing Diagram
.......................................................................... 45
•
Changed Device Certification and Qualification and CC3220MODx List of Certifications table
.......................... 68
•
Changed FCC Certification and Statement
...................................................................................... 68
•
Changed Industry Canada (IC) Certification and Statement
.................................................................. 69
•
Added ETSI/CE Certification
....................................................................................................... 69
•
Added MIC Certification
............................................................................................................ 69
•
Added SRRC Certification and Statement
....................................................................................... 70
•
Changed Module Markings
........................................................................................................ 71
•
Added JP information to End Product Labeling
................................................................................. 72
•
Changed CC3220MODx Typical Application Schematic
....................................................................... 74
•
Changed General Layout Recommendations
................................................................................... 76
•
Changed CC3220MODx RF Layout Recommendations
....................................................................... 76
•
Changed Top Layer Copper Pullback on RF Pads figure
..................................................................... 77
•
Updated CC3120 and CC3220 Radio Certifications wiki page link
........................................................... 78
•
Changed CC3220MODx image
.................................................................................................. 85
•
Changed Tape and Reel Information
............................................................................................ 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com