Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC3220MODASM2MONR Datasheet(PDF) 75 Page - Texas Instruments

Click here to check the latest version.
Part # CC3220MODASM2MONR
Description  SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3220MODASM2MONR Datasheet(HTML) 75 Page - Texas Instruments

Back Button CC3220MODASM2MONR Datasheet HTML 71Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 72Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 73Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 74Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 75Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 76Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 77Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 78Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 100 page
background image
75
CC3220MOD, CC3220MODA
www.ti.com
SWRS206B – MARCH 2017 – REVISED AUGUST 2017
Submit Documentation Feedback
Product Folder Links: CC3220MOD CC3220MODA
Applications, Implementation, and Layout
Copyright © 2017, Texas Instruments Incorporated
(1)
For CC3220MODAx: C2, L1, and E1 are not present.
Table 7-1 provides the bill of materials for a typical application using the CC3220MODx module in
Figure 7-1.
Note that the CC3220MODx and CC3220MODAx modules share the same reference BOM. The
difference between the two references is the antenna and its matching circuitry. Pin 31 is not accessible to
the designer in the CC3220MODAx module, because it contains an integral antenna. See the full
reference schematics for CC3220MODx and CC3220MODAx.
Table 7-1. Bill of Materials
QTY
PART
REFERENCE
VALUE
MANUFACTURER
PART NUMBER
DESCRIPTION
1
C2(1)
1 pF
Murata
GRM1555C1H1R0BA01D
Capacitor, ceramic, 1 pF,
50 V, ±10%, C0G/NP0, 0402
3
C3, C4, C5
0.1 µF
Murata
GRM155R61A104KA01D
Capacitor, ceramic, 0.1 μF,
10 V, ±10%, X5R, 0402
2
C6, C7
100 µF
Murata
LMK325ABJ107MMHT
Capacitor, ceramic, 100 μF,
10 V, ±20%, X5R,
AEC-Q200 Grade 3, 1210
1
E1(1)
2.45-GHz Ant
Taiyo Yuden
AH316M245001-T
Antenna Bluetooth WLAN
ZigBee® WIMAX
1
L1(1)
3.3 nH
Murata
LQG15HS3N3S02D
Inductor, multilayer,
air core, 3.3 nH,
0.3 A, 0.17 Ω, SMD
1
R1
270
Vishay-Dale
CRCW0402270RJNED
RES, 270, 5%,
0.063 W, 0402
1
U1
CC3220MODSF
Texas Instruments
CC3220MODSF12MOBR
SimpleLink Wi-Fi and Internet-of-
Things Module Solution, a
Single-Chip Wireless MCU,
MOB0063A (SIP MODULE-63)
7.2
Device Connection and Layout Fundamentals
7.2.1
Power Supply Decoupling and Bulk Capacitors
Depending upon routing resistors and battery type, TI recommends adding two 100-µF ceramic capacitors
to help provide the peak current drawn by the CC3220MODx and CC3220MODAx modules.
NOTE
The module enters a brown-out condition whenever the input voltage dips below VBROWN (see
Figure 5-4 and Figure 5-5). This condition must be considered during design of the power
supply routing specifically if operating from a battery. For more details on brown-out
consideration, see Section 5.7.
7.2.2
Reset
The module features an internal RC circuit to reset the device during power ON. The nRESET pin must be
held below 0.6 V for at least 5 ms for the device to successfully reset.
7.2.3
Unused Pins
All unused pins can be left unconnected without any concern to leakage current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com