Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC3220MODASM2MONR Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # CC3220MODASM2MONR
Description  SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3220MODASM2MONR Datasheet(HTML) 42 Page - Texas Instruments

Back Button CC3220MODASM2MONR Datasheet HTML 38Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 39Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 40Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 41Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 42Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 43Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 44Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 45Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 100 page
background image
42
CC3220MOD, CC3220MODA
SWRS206B – MARCH 2017 – REVISED AUGUST 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3220MOD CC3220MODA
Specifications
Copyright © 2017, Texas Instruments Incorporated
(1)
Sensitivity is 1-dB worse on channel 13 (2472 MHz).
5.10 WLAN Receiver Characteristics
TA = 25°C, VBAT = 2.3 V to 3.6 V. Parameters measured at module pin on channel 6 (2437 MHz).
PARAMETER
RATE
MIN
TYP
MAX
UNIT
Sensitivity
(8% PER for 11b rates, 10% PER for 11g or 11n rates)
(10% PER)(1)
1 DSSS
–95.0
dBm
2 DSSS
–93.0
11 CCK
–87.0
6 OFDM
–89.5
9 OFDM
–89.0
18 OFDM
–85.5
36 OFDM
–79.5
54 OFDM
–73.5
MCS7 (mixed mode)
–69.5
Maximum input level
(10% PER)
802.11b
–3.0
dBm
802.11g
–9.0
(1)
The edge channels (2412 MHz and 2462 MHz) have reduced TX power to meet FCC emission limits.
(2)
Power of 802.11b rates is reduced to meet ETSI requirements.
5.11 WLAN Transmitter Characteristics
TA = 25°C, VBAT = 2.3 V to 3.6 V. Parameters measured at module pin on channel 6 (2437 MHz)
(1) (2).
PARAMETER
RATE
MIN
TYP
MAX
UNIT
Max RMS Output Power measured at 1 dB
from IEEE spectral mask or EVM
1 DSSS
17.0
dBm
2 DSSS
17.0
11 CCK
17.3
6 OFDM
16.3
9 OFDM
16.3
18 OFDM
16
36 OFDM
15
54 OFDM
13.5
MCS7 (mixed mode)
12
Transmit center frequency accuracy
–20
20
ppm
(1)
The nRESET pin must be held below 0.6 V for the module to register a reset.
5.12 Reset Requirement
PARAMETER
MIN
TYP
MAX
UNIT
VIH
Operation mode level
0.65 × VBAT
V
VIL
Shutdown mode level(1)
0
0.6
V
Minimum time for nReset low for resetting the module
5
ms
Tr and Tf
Rise and fall times
20
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com