Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC3220MODASM2MONR Datasheet(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
Part # CC3220MODASM2MONR
Description  SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3220MODASM2MONR Datasheet(HTML) 82 Page - Texas Instruments

Back Button CC3220MODASM2MONR Datasheet HTML 78Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 79Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 80Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 81Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 82Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 83Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 84Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 85Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 100 page
background image
82
CC3220MOD, CC3220MODA
SWRS206B – MARCH 2017 – REVISED AUGUST 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3220MOD CC3220MODA
Environmental Requirements and Specifications
Copyright © 2017, Texas Instruments Incorporated
8
Environmental Requirements and Specifications
8.1
PCB Bending
The PCB bending specification will maintain planeness at a thickness of less than 0.1 mm.
8.2
Handling Environment
8.2.1
Terminals
The product is mounted with motherboard through land-grid array (LGA). To prevent poor soldering, do
not make skin contact with the LGA portion.
8.2.2
Falling
The mounted components will be damaged if the product falls or is dropped. Such damage may cause the
product to malfunction.
8.3
Storage Condition
8.3.1
Moisture Barrier Bag Before Opened
A moisture barrier bag must be stored in a temperature of less than 30°C with humidity under 85% RH.
The calculated shelf life for the dry-packed product will be 12 months from the date the bag is sealed.
8.3.2
Moisture Barrier Bag Open
Humidity indicator cards must be blue, < 30%.
8.4
Baking Conditions
Products require baking before mounting if:
•
Humidity indicator cards read > 30%
•
Temp < 30°C, humidity < 70% RH, over 96 hours
Baking condition: 90°C, 12 to 24 hours
Baking times: 1 time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com