Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC3220MODASM2MONR Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # CC3220MODASM2MONR
Description  SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3220MODASM2MONR Datasheet(HTML) 33 Page - Texas Instruments

Back Button CC3220MODASM2MONR Datasheet HTML 29Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 30Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 31Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 32Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 33Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 34Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 35Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 36Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 100 page
background image
33
CC3220MOD, CC3220MODA
www.ti.com
SWRS206B – MARCH 2017 – REVISED AUGUST 2017
Submit Documentation Feedback
Product Folder Links: CC3220MOD CC3220MODA
Terminal Configuration and Functions
Copyright © 2017, Texas Instruments Incorporated
4.6
Pad State After Application of Power to Chip, but Before Reset Release
When a stable power is applied to the CC3220MODx or CC3220MODAx module for the first time or when
supply voltage is restored to the proper value following a prior period with supply voltage below 1.5 V, the
level of the digital pads are undefined in the period starting from the release of nRESET and until the
DIG_DCDC of the CC3220x chip powers up. This period is less than approximately 10 ms. During this
period, pads can be internally pulled weakly in either direction. If a certain set of pins are required to have
a definite value during this pre-reset period, an appropriate pullup or pulldown must be used at the board
level. The recommended value of these external pullup or pulldown resistors is 2.7 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com