Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC3220MODASM2MONR Datasheet(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
Part # CC3220MODASM2MONR
Description  SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3220MODASM2MONR Datasheet(HTML) 76 Page - Texas Instruments

Back Button CC3220MODASM2MONR Datasheet HTML 72Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 73Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 74Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 75Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 76Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 77Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 78Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 79Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 100 page
background image
76
CC3220MOD, CC3220MODA
SWRS206B – MARCH 2017 – REVISED AUGUST 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3220MOD CC3220MODA
Applications, Implementation, and Layout
Copyright © 2017, Texas Instruments Incorporated
7.3
PCB Layout Guidelines
This section details the PCB guidelines to speed up the PCB design using the CC3220MODx and
CC3220MODAx modules. The integrator of the CC3220MODx and CC3220MODAx modules must comply
with the PCB layout recommendations described in the following subsections to minimize the risk with
regulatory certifications for the FCC, IC, CE, MIC, and SRRC. Moreover, TI recommends customers follow
the guidelines described in this section to achieve similar performance to that obtained with the TI
reference design.
7.3.1
General Layout Recommendations
Ensure that the following general layout recommendations are followed:
•
Have a solid ground plane and ground vias under the module for stable system and thermal
dissipation.
•
Do not run signal traces underneath the module on a layer where the module is mounted.
7.3.2
CC3220MODx RF Layout Recommendations
The RF section of this wireless module gets top priority in terms of layout. It is very important for the RF
section to be laid out correctly to ensure optimum performance from the module. A poor layout can cause
low-output power, EVM degradation, sensitivity degradation, and mask violations.
Figure 7-2 shows the RF placement and routing of the CC3220MODx module with external antenna.
Figure 7-2. RF Section Layout
Follow these RF layout recommendations for the CC320MODx device:
•
RF traces must have 50-Ω impedance.
•
RF trace bends must be made with gradual curves, and 90° bends must be avoided.
•
RF traces must not have sharp corners.
•
There must be no traces or ground under the antenna section.
•
RF traces must have via stitching on the ground plane beside the RF trace on both sides.
•
RF traces must be as short as possible. The antenna, RF traces, and the module must be on the edge
of the PCB product in consideration of the product enclosure material and proximity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com