Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90351ASPMC1 Datasheet(PDF) 48 Page - Cypress Semiconductor

Part # MB90351ASPMC1
Description  F2MC-16LX 16-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90351ASPMC1 Datasheet(HTML) 48 Page - Cypress Semiconductor

Back Button MB90351ASPMC1 Datasheet HTML 44Page - Cypress Semiconductor MB90351ASPMC1 Datasheet HTML 45Page - Cypress Semiconductor MB90351ASPMC1 Datasheet HTML 46Page - Cypress Semiconductor MB90351ASPMC1 Datasheet HTML 47Page - Cypress Semiconductor MB90351ASPMC1 Datasheet HTML 48Page - Cypress Semiconductor MB90351ASPMC1 Datasheet HTML 49Page - Cypress Semiconductor MB90351ASPMC1 Datasheet HTML 50Page - Cypress Semiconductor MB90351ASPMC1 Datasheet HTML 51Page - Cypress Semiconductor MB90351ASPMC1 Datasheet HTML 52Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 83 page
background image
Document Number: 002-07872 Rev. *A
Page 48 of 83
MB90350 Series
15. Electrical Characteristics
15.1 Absolute Maximum Ratings
(Continued)
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
Power supply voltage*1
VCC
VSS 0.3 VSS 6.0
V
AVCC
VSS 0.3 VSS 6.0
V
VCC AVCC*2
AVRH
VSS 0.3 VSS 6.0
V
AVCC ≥ AVRH*2
Input voltage*1
VI
VSS 0.3 VSS 6.0
V
*3
Output voltage*1
VO
VSS 0.3 VSS 6.0
V
*3
Maximum Clamp Current
ICLAMP
4.0
4.0
mA
*5
Total Maximum Clamp Current
|I
CLAMP|—
40
mA
*5
“L” level maximum output current
IOL
—15
mA
*4
“L” level average output current
IOLAV
—4
mA
*4
“L” level maximum overall output current
I
OL
—100
mA
*4
“L” level average overall output current
I
OLAV
—50
mA
*4
“H” level maximum output current
IOH
—
15
mA
*4
“H” level average output current
IOHAV
—
4mA *4
“H” level maximum overall output current
I
OH
—
100
mA
*4
“H” level average overall output current
I
OHAV
—
50
mA
*4
Power consumption
PD
—240
mW
MB90F351(S), MB90F352(S)
105 °C < T
A ≤ 125 °C,
Normal operation : maximum
frequency 16 MHz
—320
mW
MB90F351(S), MB90F352(S)
40 °C < T
A ≤ 105 °C,
Normal operation : maximum
frequency 24 MHz
—
320
mW
Device other than above
Operating temperature
TA
40
105
°C
40
125
°C
*6
Storage temperature
TSTG
55
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com