Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90351ASPMC1 Datasheet(PDF) 17 Page - Cypress Semiconductor

Part # MB90351ASPMC1
Description  F2MC-16LX 16-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90351ASPMC1 Datasheet(HTML) 17 Page - Cypress Semiconductor

Back Button MB90351ASPMC1 Datasheet HTML 13Page - Cypress Semiconductor MB90351ASPMC1 Datasheet HTML 14Page - Cypress Semiconductor MB90351ASPMC1 Datasheet HTML 15Page - Cypress Semiconductor MB90351ASPMC1 Datasheet HTML 16Page - Cypress Semiconductor MB90351ASPMC1 Datasheet HTML 17Page - Cypress Semiconductor MB90351ASPMC1 Datasheet HTML 18Page - Cypress Semiconductor MB90351ASPMC1 Datasheet HTML 19Page - Cypress Semiconductor MB90351ASPMC1 Datasheet HTML 20Page - Cypress Semiconductor MB90351ASPMC1 Datasheet HTML 21Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 83 page
background image
Document Number: 002-07872 Rev. *A
Page 17 of 83
MB90350 Series
* : FPT-64P-M23, FPT-64P-M24
Pin No.
Pin name
Circuit
type
Function
LQFP64*
58
P34
G
General purpose I/O port. The register can be set to select whether to use a pull-up
resistor. This function is enabled either in single-chip mode or with the hold function
disabled.
HRQ
Hold request input pin. This function is enabled when both the external bus and the hold
function are enabled.
OUT4
Waveform output pin for output compare OCU4
59
P35
G
General purpose I/O port. The register can be set to select whether to use a pull-up
resistor. This function is enabled either in single-chip mode or with the hold function
disabled.
HAK
Hold acknowledge output pin. This function is enabled when both the
external bus and the hold function are enabled.
OUT5
Waveform output pin for output compare OCU5
60
P36
G
General purpose I/O port. The register can be set to select whether to use a pull-up
resistor. This function is enabled either in single-chip mode or with the external ready
function disabled.
RDY
Ready input pin. This function is enabled when both the external bus and the external
ready function are enabled.
OUT6
Waveform output pin for output compare OCU6
61
P37
G
General purpose I/O port. The register can be set to select whether to use a pull-up
resistor. This function is enabled either in single-chip mode or with the CLK output
disabled.
CLK
CLK output pin. This function is enabled when both the external bus and CLK output are
enabled.
OUT7
Waveform output pin for output compare OCU7
62, 63
P60, P61
I
General purpose I/O ports
AN0, AN1
Analog input pins for A/D converter
64
AVCC
KVCC power input pin for analog circuits
2AVRH
L
Reference voltage input for the A/D converter. This power supply must be turned on or
off while a voltage higher than or equal to AVRH is applied to AVCC.
1AVSS
KVSS power input pin for analog circuits
22, 23
MD1, MD0
C
Input pins for specifying the operating mode
21
MD2
D
Input pin for specifying the operating mode
49
VCC
—
Power (3.5 V to 5.5 V) input pin
18, 48
VSS
—
Power (0 V) input pins
50
C
K
This is the power supply stabilization capacitor pin. It should be connected to a higher
than or equal to 0.1 μF ceramic capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com