Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90351ASPMC1 Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # MB90351ASPMC1
Description  F2MC-16LX 16-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90351ASPMC1 Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button MB90351ASPMC1 Datasheet HTML 10Page - Cypress Semiconductor MB90351ASPMC1 Datasheet HTML 11Page - Cypress Semiconductor MB90351ASPMC1 Datasheet HTML 12Page - Cypress Semiconductor MB90351ASPMC1 Datasheet HTML 13Page - Cypress Semiconductor MB90351ASPMC1 Datasheet HTML 14Page - Cypress Semiconductor MB90351ASPMC1 Datasheet HTML 15Page - Cypress Semiconductor MB90351ASPMC1 Datasheet HTML 16Page - Cypress Semiconductor MB90351ASPMC1 Datasheet HTML 17Page - Cypress Semiconductor MB90351ASPMC1 Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 83 page
background image
Document Number: 002-07872 Rev. *A
Page 14 of 83
MB90350 Series
7. Pin Description
(Continued)
Pin No.
Pin name
Circuit
type
Function
LQFP64*
46
X1
A
Oscillation output pin
47
X0
Oscillation input pin
45
RST
E
Reset input pin
3 to 8
P62 to P67
I
General purpose I/O ports
AN2 to AN7
Analog input pins for A/D converter
PPG4 (5) , 6 (7) , 8
(9) , A (B) , C (D) , E
(F)
Output pins for PPGs
9
P50
O
General purpose I/O port
AN8
Analog input pin for A/D converter
SIN2
Serial data input pin for UART2
10
P51
I
General purpose I/O port
AN9
Analog input pin for A/D converter
SOT2
Serial data output pin for UART2
11
P52
I
General purpose I/O port
AN10
Analog input pin for A/D converter
SCK2
Serial clock I/O pin for UART2
12
P53
I
General purpose I/O port
AN11
Analog input pin for A/D converter
TIN3
Event input pin for reload timer3
13
P54
I
General purpose I/O port
AN12
Analog input pin for A/D converter
TOT3
Output pin for reload timer3
14, 15
P55, P56
I
General purpose I/O ports
AN13, AN14
Analog input pins for A/D converter
16
P42
F
General purpose I/O port
IN6
Data sample input pin for input capture ICU6
RX1
RX input pin for CAN1
INT9R
External interrupt request input pin for INT9
17
P43
F
General purpose I/O port
IN7
Data sample input pin for input capture ICU7
TX1
TX output pin for CAN1
19, 20
P40, P41
F
General purpose I/O ports
(devices with S-suffix and MB90V340A-101/103)
X0A, X1A
B
X0A : Oscillation input pins for sub clock
X1A : Oscillation output pins for sub clock
(devices without S-suffix and MB90V340A-102/104)
24 to 31
P00 to P07
G
General purpose I/O ports. The register can be set to select whether to use a pull-up
resistor. This function is enabled in single-chip mode.
AD00 to AD07
Input/output pins of external address data bus lower 8 bits. This function is enabled
when the external bus is enabled.
INT8 to INT15
External interrupt request input pins for INT8 to INT15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com