Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90351ASPMC1 Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # MB90351ASPMC1
Description  F2MC-16LX 16-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90351ASPMC1 Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button MB90351ASPMC1 Datasheet HTML 8Page - Cypress Semiconductor MB90351ASPMC1 Datasheet HTML 9Page - Cypress Semiconductor MB90351ASPMC1 Datasheet HTML 10Page - Cypress Semiconductor MB90351ASPMC1 Datasheet HTML 11Page - Cypress Semiconductor MB90351ASPMC1 Datasheet HTML 12Page - Cypress Semiconductor MB90351ASPMC1 Datasheet HTML 13Page - Cypress Semiconductor MB90351ASPMC1 Datasheet HTML 14Page - Cypress Semiconductor MB90351ASPMC1 Datasheet HTML 15Page - Cypress Semiconductor MB90351ASPMC1 Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 83 page
background image
Document Number: 002-07872 Rev. *A
Page 12 of 83
MB90350 Series
5. Packages and Product Correspondence
* : This device is under development.
: Yes, × : No
Note : Refer to “Package Dimensions” for detail of each package.
Package
MB90V340A
-101
-102
-103
-104
MB90F351
MB90F351S
MB90F352
MB90F352S
MB90F351A (S) , MB90F351TA (S)
MB90F352A (S) , MB90F352TA (S)
MB90F356A (S) , MB90F356TA (S)
MB90F357A (S) , MB90F357TA (S)
MB90351A (S) , MB90351TA (S)
MB90352A (S) , MB90352TA (S)
MB90356A (S) , MB90356TA (S)
MB90357A (S) , MB90357TA (S)
PGA-299C-A01
×
×
FPT-64P-M23
(12 mm
, 0.65 mm pitch)
×
FPT-64P-M24
(10 mm
, 0.50 mm pitch)
×
×
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com