Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90351ASPMC1 Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # MB90351ASPMC1
Description  F2MC-16LX 16-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90351ASPMC1 Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button MB90351ASPMC1 Datasheet HTML 19Page - Cypress Semiconductor MB90351ASPMC1 Datasheet HTML 20Page - Cypress Semiconductor MB90351ASPMC1 Datasheet HTML 21Page - Cypress Semiconductor MB90351ASPMC1 Datasheet HTML 22Page - Cypress Semiconductor MB90351ASPMC1 Datasheet HTML 23Page - Cypress Semiconductor MB90351ASPMC1 Datasheet HTML 24Page - Cypress Semiconductor MB90351ASPMC1 Datasheet HTML 25Page - Cypress Semiconductor MB90351ASPMC1 Datasheet HTML 26Page - Cypress Semiconductor MB90351ASPMC1 Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 83 page
background image
Document Number: 002-07872 Rev. *A
Page 23 of 83
MB90350 Series
9.3 Using external clock
To use external clock, drive the X0 pin and leave X1 pin open.
9.4 Precautions for when not using a sub clock signal
If you do not connect pins X0A and X1A to an oscillator, use pull-down handling on the X0A pin, and leave the X1A pin open.
9.5 Notes on during operation of PLL clock mode
If the PLL clock mode is selected, the microcontroller attempts to be working with the self-oscillating circuit even when there is no
external oscillator or external clock input is stopped. Performance of this operation, however, cannot be guaranteed.
9.6 Power supply pins (VCC/VSS)
■ If there are multiple VCC and VSS pins, from the point of view of device design, pins to be of the same potential are connected inside
of the device to prevent such malfunctioning as latch up.
To reduce unnecessary radiation, prevent malfunctioning of the strobe signal due to the rise of ground level, and observe the standard
for total output current, be sure to connect the VCC and VSS pins to the power supply and ground externally.
Connect VCC and VSS pins to the device from the current supply source at a low impedance.
■ As a measure against power supply noise, connect a capacitor of about 0.1 μF as a bypass capacitor between VCC and VSS pins
in the vicinity of VCC and VSS pins of the device.
9.7 Pull-up/down resistors
The MB90350 series does not support internal pull-up/down resistors (Port 0 to Port 3: built-in pull-up resistors). Use external compo-
nents where needed.
9.8 Crystal Oscillator Circuit
Noises around X0 or X1 pins may be possible causes of abnormal operations. Make sure to provide bypass capacitors via shortest
distance from X0, X1 pins, crystal oscillator (or ceramic resonator) and ground lines, and make sure, to the utmost effort, that lines of
oscillation circuit do not cross the lines of other circuits.
It is highly recommended to provide a printed circuit board artwork surrounding X0 and X1 pins with a ground area for stabilizing the
operation.
Please ask the crystal maker to evaluate the oscillational characteristics of the crystal and this device.
X0
X1
MB90350 Series
Open
Vcc
Vss
Vss
Vcc
Vss
Vcc
MB90350
Series
Vcc
Vss
Vcc
Vss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com