Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M032FD2AE Datasheet(PDF) 52 Page - Nuvoton Technology Corporation

Part # M032FD2AE
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M032FD2AE Datasheet(HTML) 52 Page - Nuvoton Technology Corporation

Back Button M032FD2AE Datasheet HTML 48Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 49Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 50Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 51Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 52Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 53Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 54Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 55Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 56Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 274 page
background image
M031/M032
Feb 25, 2019
Page 52 of 274
Rev. 1.01
20
Pin
28
Pin
32
Pin
48
Pin
64
Pin
Pin Name
Type
MFP
Description
PWM1_CH4
I/O
MFP12
PWM1 channel 4 output/capture input.
ACMP0_O
O
MFP14
Analog comparator 0 output pin.
28
20
32
32
40
40
PC.0
I/O
MFP0
General purpose digital I/O pin.
EBI_AD0
I/O
MFP2
EBI address/data bus bit 0.
UART2_RXD
I
MFP8
UART2 data receiver input pin.
I2C0_SDA
I/O
MFP9
I2C0 data input/output pin.
PWM1_CH5
I/O
MFP12
PWM1 channel 5 output/capture input.
ACMP1_O
O
MFP14
Analog comparator 1 output pin.
41
41
PD.3
I/O
MFP0
General purpose digital I/O pin.
EBI_AD10
I/O
MFP2
EBI address/data bus bit 10.
USCI0_CTL1
I/O
MFP3
USCI0 control 1 pin.
SPI0_SS
I/O
MFP4
SPI0 slave select pin.
UART0_TXD
O
MFP9
UART0 data transmitter output pin.
42
42
PD.2
I/O
MFP0
General purpose digital I/O pin.
EBI_AD11
I/O
MFP2
EBI address/data bus bit 11.
USCI0_DAT1
I/O
MFP3
USCI0 data 1 pin.
SPI0_CLK
I/O
MFP4
SPI0 serial clock pin.
UART0_RXD
I
MFP9
UART0 data receiver input pin.
43
43
PD.1
I/O
MFP0
General purpose digital I/O pin.
EBI_AD12
I/O
MFP2
EBI address/data bus bit 12.
USCI0_DAT0
I/O
MFP3
USCI0 data 0 pin.
SPI0_MISO
I/O
MFP4
SPI0 MISO (Master In, Slave Out) pin.
44
44
PD.0
I/O
MFP0
General purpose digital I/O pin.
EBI_AD13
I/O
MFP2
EBI address/data bus bit 13.
USCI0_CLK
I/O
MFP3
USCI0 clock pin.
SPI0_MOSI
I/O
MFP4
SPI0 MOSI (Master Out, Slave In) pin.
TM2
I/O
MFP14
Timer2 event counter input/toggle output pin.
1
21
33
45
PA.12
I/O
MFP0
General purpose digital I/O pin.
I2C1_SCL
I/O
MFP4
I2C1 clock pin.
2
22
34
46
PA.13
I/O
MFP0
General purpose digital I/O pin.
I2C1_SDA
I/O
MFP4
I2C1 data input/output pin.
3
23
35
47
PA.14
I/O
MFP0
General purpose digital I/O pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com