Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M032FD2AE Datasheet(PDF) 72 Page - Nuvoton Technology Corporation

Part # M032FD2AE
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M032FD2AE Datasheet(HTML) 72 Page - Nuvoton Technology Corporation

Back Button M032FD2AE Datasheet HTML 68Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 69Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 70Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 71Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 72Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 73Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 74Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 75Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 76Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 274 page
background image
M031/M032
Feb 25, 2019
Page 72 of 274
Rev. 1.01
Pin Name
Type
MFP
Description
TM3
I/O
MFP14
Timer3 event counter input/toggle output pin.
INT1
I
MFP15
External interrupt 1 input pin.
PF.0
PF.0
I/O
MFP0
General purpose digital I/O pin.
UART1_TXD
O
MFP2
UART1 data transmitter output pin.
I2C1_SCL
I/O
MFP3
I2C1 clock pin.
UART0_TXD
O
MFP4
UART0 data transmitter output pin.
ICE_DAT
O
MFP14
Serial wired debugger data pin.
PF.1
PF.1
I/O
MFP0
General purpose digital I/O pin.
UART1_RXD
I
MFP2
UART1 data receiver input pin.
I2C1_SDA
I/O
MFP3
I2C1 data input/output pin.
UART0_RXD
I
MFP4
UART0 data receiver input pin.
ICE_CLK
I
MFP14
Serial wired debugger clock pin.
PF.2
PF.2
I/O
MFP0
General purpose digital I/O pin.
EBI_nCS1
O
MFP2
EBI chip select 1 output pin.
UART0_RXD
I
MFP3
UART0 data receiver input pin.
I2C0_SDA
I/O
MFP4
I2C0 data input/output pin.
XT1_OUT
O
MFP10
External 4~32 MHz (high speed) crystal output pin.
PF.3
PF.3
I/O
MFP0
General purpose digital I/O pin.
EBI_nCS0
O
MFP2
EBI chip select 0 output pin.
UART0_TXD
O
MFP3
UART0 data transmitter output pin.
I2C0_SCL
I/O
MFP4
I2C0 clock pin.
XT1_IN
I
MFP10
External 4~32 MHz (high speed) crystal input pin.
PF.4
PF.4
I/O
MFP0
General purpose digital I/O pin.
UART2_TXD
O
MFP2
UART2 data transmitter output pin.
UART2_nRTS
O
MFP4
UART2 request to Send output pin.
PWM0_CH1
I/O
MFP7
PWM0 channel 1 output/capture input.
X32_OUT
O
MFP10
External 32.768 kHz crystal output pin.
PF.5
PF.5
I/O
MFP0
General purpose digital I/O pin.
UART2_RXD
I
MFP2
UART2 data receiver input pin.
UART2_nCTS
I
MFP4
UART2 clear to Send input pin.
PWM0_CH0
I/O
MFP7
PWM0 channel 0 output/capture input.
X32_IN
I
MFP10
External 32.768 kHz crystal input pin.
ADC0_ST
I
MFP11
ADC0 external trigger input.
PF.6
PF.6
I/O
MFP0
General purpose digital I/O pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com