Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M032FD2AE Datasheet(PDF) 89 Page - Nuvoton Technology Corporation

Part # M032FD2AE
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M032FD2AE Datasheet(HTML) 89 Page - Nuvoton Technology Corporation

Back Button M032FD2AE Datasheet HTML 85Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 86Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 87Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 88Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 89Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 90Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 91Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 92Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 93Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 274 page
background image
M031/M032
Feb 25, 2019
Page 89 of 274
Rev. 1.01
6.2.6
SRAM Memory Orginization
The M031 supports embedded SRAM with total 16 Kbytes size
Supports total 16 Kbytes SRAM
Supports byte / half word / word write
Supports oversize response error
Table 6.2-10 shows the SRAM organization of M031. The address between 0x2000_4000 to
0x3FFF_FFFF is illegal memory space and chip will enter hardfault if CPU accesses these illegal
memory addresses.
16K byte
SRAM bank0
0x2000_0000
Reserved
0x3FFF_FFFF
0x2000_4000
16K byte device
0x2000_2000
0x2000_1000
0x2000_0800
8K byte
SRAM bank0
Reserved
8K byte device
4K byte
SRAM bank0
Reserved
4K byte device
2K byte
SRAM bank0
Reserved
2K byte device
Figure 6.2-8 SRAM Memory Organization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com