Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M032FD2AE Datasheet(PDF) 85 Page - Nuvoton Technology Corporation

Part # M032FD2AE
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M032FD2AE Datasheet(HTML) 85 Page - Nuvoton Technology Corporation

Back Button M032FD2AE Datasheet HTML 81Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 82Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 83Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 84Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 85Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 86Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 87Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 88Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 89Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 274 page
background image
M031/M032
Feb 25, 2019
Page 85 of 274
Rev. 1.01
Normal Mode
CPU Clock ON
HXT , HIRC , LXT , LIRC , HCLK , PCLK ON
Flash ON
Power-down Mode
CPU Clock OFF
HXT , HIRC , HCLK , PCLK OFF
Flash Halt
System reset released
CPU executes WFI
Interrupts occur
Idle Mode
CPU Clock OFF
HXT , HIRC , LXT , LIRC , HCLK , PCLK ON
Flash Halt
1. SLEEPDEEP (SCS_SCR[2]) = 1
2. PDEN (CLK_PWRCTL[7]) = 1 and
PDWKIF (CLK_PWRCTL[6]) = 1
3. CPU executes WFI
Wake-up events
occur
LXT, LIRC ON
Figure 6.2-7 Power Mode State Machine
1. LXT (32768 Hz XTL) ON or OFF depends on SW setting in normal mode.
2. LIRC (38.4 kHz OSC) ON or OFF depends on S/W setting in normal mode.
3. If TIMER clock source is selected as LIRC/LXT and LIRC/LXT is on.
4. If WDT clock source is selected as LIRC and LIRC is on.
5. If UART clock source is selected as LXT and LXT is on.
Normal Mode
Idle Mode
Power-Down Mode
HXT (4~32 MHz XTL)
ON
ON
Halt
HIRC48 (48 MHz OSC)
ON
ON
Halt
LXT (32768 Hz XTL)
ON
ON
ON/OFF
1
LIRC (38.4 kHz OSC)
ON
ON
ON/OFF
2
PLL
ON/OFF
ON/OFF
Halt
LDO
ON
ON
ON
CPU
ON
Halt
Halt
HCLK/PCLK
ON
ON
Halt
SRAM retention
ON
ON
ON
FLASH
ON
ON
Halt
GPIO
ON
ON
Halt
PDMA
ON
ON
Halt
TIMER
ON
ON
ON/OFF
3
PWM
ON
ON
Halt
WDT
ON
ON
ON/OFF
4
WWDT
ON
ON
Halt
UART
ON
ON
ON/OFF
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com