Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M032FD2AE Datasheet(PDF) 82 Page - Nuvoton Technology Corporation

Part # M032FD2AE
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M032FD2AE Datasheet(HTML) 82 Page - Nuvoton Technology Corporation

Back Button M032FD2AE Datasheet HTML 78Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 79Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 80Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 81Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 82Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 83Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 84Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 85Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 86Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 274 page
background image
M031/M032
Feb 25, 2019
Page 82 of 274
Rev. 1.01
AVDD
VBODL
BODOUT
BODRSTEN
Brown-out
Reset
T1
(< BODDGSEL)
T2
(= BODDGSEL)
T3
(= BODDGSEL)
Hysteresis
VBODH
Figure 6.2-5 Brown-out Detector (BOD) Waveform
Watchdog Timer Reset (WDT)
6.2.2.5
In most industrial applications, system reliability is very important. To automatically recover the MCU
from failure status is one way to improve system reliability. The watchdog timer(WDT) is widely used
to check if the system works fine. If the MCU is crashed or out of control, it may cause the watchdog
time-out. User may decide to enable system reset during watchdog time-out to recover the system and
take action for the system crash/out-of-control after reset.
Software can check if the reset is caused by watchdog time-out to indicate the previous reset is a
watchdog reset and handle the failure of MCU after watchdog time-out reset by checking
WDTRF(SYS_RSTSTS[2]).
CPU Lockup Reset
6.2.2.6
CPU enters lockup status after CPU produces hardfault at hardfault handler and chip gives immediate
indication of seriously errant kernel software. This is the result of the CPU being locked because of an
unrecoverable exception following the activation of the processor’s built in system state protection
hardware. When chip enters debug mode, the CPU lockup reset will be ignored.
CPU Reset, CHIP Reset and MCU Reset
6.2.2.7
The CPU Reset means only Cortex
® -M0 core is reset and all other peripherals remain the same status
after CPU reset. User can set the CPURST(SYS_IPRST0[1]) to 1 to assert the CPU Reset signal.
The CHIP Reset is same with Power-on Reset. The CPU and all peripherals are reset and
BS(FMC_ISPCTL[1]) bit is automatically reloaded from CONFIG0 setting. User can set the
CHIPRST(SYS_IPRST0[0]) to 1 to assert the CHIP Reset signal.
The MCU Reset is similar with CHIP Reset. The difference is that BS(FMC_ISPCTL[1]) will not be
reloaded from CONFIG0 setting and keep its original software setting for booting from APROM or
LDROM. User can set the SYSRESETREQ(AIRCR[2]) to 1 to assert the MCU Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com