Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M032FD2AE Datasheet(PDF) 65 Page - Nuvoton Technology Corporation

Part # M032FD2AE
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M032FD2AE Datasheet(HTML) 65 Page - Nuvoton Technology Corporation

Back Button M032FD2AE Datasheet HTML 61Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 62Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 63Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 64Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 65Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 66Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 67Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 68Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 69Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 274 page
background image
M031/M032
Feb 25, 2019
Page 65 of 274
Rev. 1.01
Pin Name
Type
MFP
Description
PA.6
PA.6
I/O
MFP0
General purpose digital I/O pin.
EBI_AD6
I/O
MFP2
EBI address/data bus bit 6.
UART0_RXD
I
MFP7
UART0 data receiver input pin.
I2C1_SDA
I/O
MFP8
I2C1 data input/output pin.
PWM1_CH5
I/O
MFP11
PWM1 channel 5 output/capture input.
ACMP1_WLAT
I
MFP13
Analog comparator 1 window latch input pin
TM3
I/O
MFP14
Timer3 event counter input/toggle output pin.
INT0
I
MFP15
External interrupt 0 input pin.
PA.7
PA.7
I/O
MFP0
General purpose digital I/O pin.
EBI_AD7
I/O
MFP2
EBI address/data bus bit 7.
UART0_TXD
O
MFP7
UART0 data transmitter output pin.
I2C1_SCL
I/O
MFP8
I2C1 clock pin.
PWM1_CH4
I/O
MFP11
PWM1 channel 4 output/capture input.
ACMP0_WLAT
I
MFP13
Analog comparator 0 window latch input pin
TM2
I/O
MFP14
Timer2 event counter input/toggle output pin.
INT1
I
MFP15
External interrupt 1 input pin.
PA.8
PA.8
I/O
MFP0
General purpose digital I/O pin.
EBI_ALE
O
MFP2
EBI address latch enable output pin.
USCI0_CTL1
I/O
MFP6
USCI0 control 1 pin.
UART1_RXD
I
MFP7
UART1 data receiver input pin.
TM3_EXT
I/O
MFP13
Timer3 external capture input/toggle output pin.
INT4
I
MFP15
External interrupt 4 input pin.
PA.9
PA.9
I/O
MFP0
General purpose digital I/O pin.
EBI_MCLK
O
MFP2
EBI external clock output pin.
USCI0_DAT1
I/O
MFP6
USCI0 data 1 pin.
UART1_TXD
O
MFP7
UART1 data transmitter output pin.
TM2_EXT
I/O
MFP13
Timer2 external capture input/toggle output pin.
PA.10
PA.10
I/O
MFP0
General purpose digital I/O pin.
ACMP1_P0
A
MFP1
Analog comparator 1 positive input 0 pin.
EBI_nWR
O
MFP2
EBI write enable output pin.
USCI0_DAT0
I/O
MFP6
USCI0 data 0 pin.
TM1_EXT
I/O
MFP13
Timer1 external capture input/toggle output pin.
PA.11
PA.11
I/O
MFP0
General purpose digital I/O pin.
ACMP0_P0
A
MFP1
Analog comparator 0 positive input 0 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com