Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M032FD2AE Datasheet(PDF) 83 Page - Nuvoton Technology Corporation

Part # M032FD2AE
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M032FD2AE Datasheet(HTML) 83 Page - Nuvoton Technology Corporation

Back Button M032FD2AE Datasheet HTML 79Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 80Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 81Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 82Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 83Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 84Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 85Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 86Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 87Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 274 page
background image
M031/M032
Feb 25, 2019
Page 83 of 274
Rev. 1.01
6.2.3
System Power Distribution
In this chip, power distribution is divided into three segments:
Analog power from AVDD and AVSS provides the power for analog components operation.
Digital power from VDD and VSS supplies the power to the internal regulator which
provides a fixed 1.8V power for digital operation and I/O pins.
USB transceiver power from VBUS offers the power for operating the USB transceiver.
The outputs of internal voltage regulators, LDO and VDD, require an external capacitor which should be
located close to the corresponding pin. Figure 6.2-6 shows the NuMicro
® M031 power distribution.
AVDD
AVSS
38.4 kHz
LIRC
Oscillator
SRAM
PLL
IO Cell
VDD to 1.8V
LDO
POR50
POR18
Temperature
Sensor
4~32 MHz
crystal oscillator
Digital Logic
Flash
Power On
Control
XT1_OUT
(PF.2)
XT1_IN
(PF.3)
1.8V
LDO_CAP
1uF
Brown-out
Detector
Low Voltage Reset
12-bit ADC
Analog
Comparator
48 MHz
HIRC48
Oscillator
32.768 kHz
crystal
oscillator
X32_IN
(PF.5)
X32_OUT
(PF.4)
Figure 6.2-6 NuMicro
® M031 Power Distribution Diagram
6.2.4
Power Modes and Wake-up Sources
The M031 series has power manager unit to support several operating modes for saving power. Table
6.2-2 lists all power mode in the M031 series.
Mode
CPU Operating Maximum
Speed(MHz)
LDO_CAP(V)
Clock Disable
Normal mode
48
1.8
All clocks are disabled by control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com