| Electronic Components Datasheet Search |
|
M032FD2AE Datasheet(PDF) 75 Page - Nuvoton Technology Corporation |
|
|
|||||||||||||||||||||||||||||
M032FD2AE Datasheet(HTML) 75 Page - Nuvoton Technology Corporation |
|
75 / 274 page ![]() M031/M032 Feb 25, 2019 Page 75 of 274 Rev. 1.01 6 FUNCTIONAL DESCRIPTION 6.1 Arm ® Cortex® -M0 Core The Cortex ® -M0 processor is a configurable, multistage, 32-bit RISC processor, which has an AMBA AHB-Lite interface and includes an NVIC component. It also has optional hardware debug functionality. The processor can execute Thumb code and is compatible with other Cortex ® -M profile processor. The profile supports two modes -Thread mode and Handler mode. Handler mode is entered as a result of an exception. An exception return can only be issued in Handler mode. Thread mode is entered on Reset, and can be entered as a result of an exception return. Figure 6.1-1 shows the functional controller of processor. Cortex-M0 Processor Core Nested Vectored Interrupt Controller (NVIC) Breakpoint and Watchpoint Unit Debugger interface Bus matrix Debug Access Port (DAP) Debug Cortex-M0 Processor Cortex-M0 Components Wakeup Interrupt Controller (WIC) Interrupts Serial Wire or JTAG debug port AHB-Lite interface Figure 6.1-1 Functional Block Diagram The implemented device provides: A low gate count processor: – Arm ® 6-M Thumb® instruction set – Thumb-2 technology – Arm ® 6-M compliant 24-bit SysTick timer – A 32-bit hardware multiplier – System interface supported with little-endian data accesses – Ability to have deterministic, fixed-latency, interrupt handling – Load/store-multiples and multicycle-multiplies that can be abandoned and restarted to facilitate rapid interrupt handling – C Application Binary Interface compliant exception model. This is the Armv6-M, C Application Binary Interface (C-ABI) compliant exception model that enables the use of pure C functions as interrupt handlers – Low Power Sleep mode entry using the Wait For Interrupt (WFI), Wait For Event |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |