| Electronic Components Datasheet Search |
|
M032FD2AE Datasheet(PDF) 92 Page - Nuvoton Technology Corporation |
|
|
|||||||||||||||||||||||||||||
M032FD2AE Datasheet(HTML) 92 Page - Nuvoton Technology Corporation |
|
92 / 274 page ![]() M031/M032 Feb 25, 2019 Page 92 of 274 Rev. 1.01 NMIEN [8] EINT0 External Interrupt From PA.6 or PB.5 Pin NMI Source Enable (Write Protect) NMIEN [4] CLKFAIL Clock Fail Detected and IRC Auto Trim Interrupt NMI Source Enable (Write Protect) NMIEN [2] PWRWU_INT Power-down Mode Wake-up NMI Source Enable (Write Protect) NMIEN [1] IRC_INT IRC TRIM NMI Source Enable (Write Protect) NMIEN [0] BODOUT BOD NMI Source Enable (Write Protect) CLK_PWRCTL [26:25] LXTGAIN LXT Gain Control Bit (Write Protect) CLK_PWRCTL [22:20] HXTGAIN HXT Gain Control Bit (Write Protect) CLK_PWRCTL [7] PDEN System Power-down Enable (Write Protect) CLK_PWRCTL [5] PDWKIEN Power-down Mode Wake-up Interrupt Enable Bit (Write Protect) CLK_PWRCTL [4] PDWKDLY Enable the Wake-up Delay Counter (Write Protect) CLK_PWRCTL [3] LIRCEN LIRC Enable Bit (Write Protect) CLK_PWRCTL [2] HIRCEN HIRC Enable Bit (Write Protect) CLK_PWRCTL [1] LXTEN LXT Enable Bit (Write Protect) CLK_PWRCTL [0] HXTEN HXT Enable Bit (Write Protect) CLK_APBCLK0 [0] WDTCKEN Watchdog Timer Clock Enable Bit (Write Protect) CLK_CLKSEL0 [8] USBDSEL USB Device Clock Source Selection (Write Protect) CLK_CLKSEL0 [5:3] STCLKSEL Cortex® -M0 SysTick Clock Source Selection (Write Protect) CLK_CLKSEL0 [2:0] HCLKSEL HCLK Clock Source Selection (Write Protect) CLK_CLKSEL1 [3:2] WWDTSEL Window Watchdog Timer Clock Source Selection (Write Protect) CLK_CLKSEL1 [1:0] WDTSEL Watchdog Timer Clock Source Selection (Write Protect) CLK_PLLCTL [23] STBSEL PLL Stable Counter Selection (Write Protect) CLK_PLLCTL [19] PLLSRC PLL Source Clock Selection (Write Protect) CLK_PLLCTL [18] OE PLL OE (FOUT Enable) Pin Control (Write Protect) CLK_PLLCTL [17] BP PLL Bypass Control (Write Protect) CLK_PLLCTL [16] PD Power-down Mode (Write Protect) CLK_PLLCTL [15:14] OUTDIV PLL Output Divider Control (Write Protect) CLK_PLLCTL [13:9] INDIV PLL Input Divider Control (Write Protect) CLK_PLLCTL [8:0] FBDIV PLL Feedback Divider Control (Write Protect) CLK_CLKDSTS [8] HXTFQIF HXT Clock Frequency Range Detector Interrupt Flag (Write Protect) CLK_CLKDSTS [1] LXTFIF LXT Clock Fail Interrupt Flag (Write Protect) CLK_CLKDSTS [0] HXTFIF HXT Clock Fail Interrupt Flag (Write Protect) FMC_ISPCTL [6] ISPFF ISP Fail Flag (Write Protect) FMC_ISPCTL [5] LDUEN LDROM Update Enable Bit (Write Protect) FMC_ISPCTL [4] CFGUEN CONFIG Update Enable Bit (Write Protect) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |