Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M032FD2AE Datasheet(PDF) 87 Page - Nuvoton Technology Corporation

Part # M032FD2AE
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M032FD2AE Datasheet(HTML) 87 Page - Nuvoton Technology Corporation

Back Button M032FD2AE Datasheet HTML 83Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 84Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 85Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 86Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 87Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 88Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 89Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 90Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 91Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 274 page
background image
M031/M032
Feb 25, 2019
Page 87 of 274
Rev. 1.01
6.2.5
System Memory Map
The NuMicro
® M031 series provides 4G-byte addressing space. The memory locations assigned to
each on-chip controllers are shown inTable 6.2-7. The detailed register definition, memory space, and
programming will be described in the following sections for each on-chip peripheral. The M031 series
only supports little-endian data format.
Address Space
Token
Controllers
Flash and SRAM Memory Space
0x0000_0000
– 0x0001_FFFF
FLASH_BA
FLASH Memory Space (192KB)
0x2000_0000
– 0x2000_3FFF
SRAM0_BA
SRAM Memory Space (16KB)
0x6000_0000
– 0x6FFF_FFFF
EXTMEM_BA
External Memory Space (256MB)
Peripheral Controllers Space (0x4000_0000
– 0x400F_FFFF)
0x4000_0000
– 0x4000_01FF
SYS_BA
System Control Registers
0x4000_0200
– 0x4000_02FF
CLK_BA
Clock Control Registers
0x4000_0300
– 0x4000_03FF
NMI_BA
NMI Control Registers
0x4000_4000
– 0x4000_4FFF
GPIO_BA
GPIO Control Registers
0x4000_8000
– 0x4000_8FFF
PDMA_BA
Peripheral DMA Control Registers
0x4000_C000
– 0x4000_CFFF
FMC_BA
Flash Memory Control Registers
0x4001_0000
– 0x4001_0FFF
EBI_BA
External Bus Interface Control Registers
0x4001_4000
– 0x4001_7FFF
HDIV_BA
Hardware Divider Register
0x4003_1000
– 0x4003_1FFF
CRC_BA
CRC Generator Registers
APB Controllers Space (0x4000_0000 ~ 0x400F_FFFF)
0x4004_0000
– 0x4004_0FFF
WDT_BA
Watchdog Timer Control Registers
0x4004_3000
– 0x4004_3FFF
ADC_BA
Analog-Digital-Converter (ADC) Control Registers
0x4004_5000
– 0x4004_5FFF
ACMP01_BA
Analog Comparator 0/ 1 Control Registers
0x4005_0000
– 0x4005_0FFF
TMR01_BA
Timer0/Timer1 Control Registers
0x4005_1000
– 0x4005_1FFF
TMR23_BA
Timer2/Timer3 Control Registers
0x4005_8000
– 0x4005_8FFF
PWM0_BA
PWM0 Control Registers
0x4005_9000
– 0x4005_9FFF
PWM1_BA
PWM1 Control Registers
0x4006_1000
– 0x4006_0FFF
SPI0_BA
SPI0 Control Registers
0x4007_0000
– 0x4007_0FFF
UART0_BA
UART0 Control Registers
0x4007_1000
– 0x4007_1FFF
UART1_BA
UART1 Control Registers
0x4007_2000
– 0x4007_2FFF
UART2_BA
UART2 Control Registers
0x4008_0000
– 0x4008_0FFF
I2C0_BA
I
2C0 Control Registers
0x4008_1000
– 0x4008_1FFF
I2C1_BA
I
2C1 Control Registers
0x400C_0000
– 0x400C_0FFF
USBD_BA
USB Device Control Register
0x400D_0000
– 0x400D_0FFF
USCI0_BA
USCI0 Control Registers
System Controllers Space (0xE000_E000 ~ 0xE000_EFFF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com