Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M032FD2AE Datasheet(PDF) 24 Page - Nuvoton Technology Corporation

Part # M032FD2AE
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M032FD2AE Datasheet(HTML) 24 Page - Nuvoton Technology Corporation

Back Button M032FD2AE Datasheet HTML 20Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 21Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 22Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 23Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 24Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 25Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 26Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 27Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 28Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 274 page
background image
M031/M032
Feb 25, 2019
Page 24 of 274
Rev. 1.01
3.3.3
M031/M032 Selection Code
M03
1
S
E
3
A
E
Core
Line
Package
Flash
SRAM
Reserved
Temperature
Cortex
®-M0
1: Control Line
2: USB Line
F: TSSOP20
(4.4x6.5 mm)
E: TSSOP28
(4.4x9.7 mm)
T: QFN33
(4x4 mm)
L: LQFP48
(7x7 mm)
S: LQFP64
(7x7 mm)
B: 16 KB
C: 32 KB
D: 64 KB
E: 128 KB
0: 2 KB
1: 4 KB
2: 8/12 KB
3: 16 KB
E: -40°C~105°C
Table 3.3-1 M031/M032 Series Selection Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com