Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M032FD2AE Datasheet(PDF) 90 Page - Nuvoton Technology Corporation

Part # M032FD2AE
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M032FD2AE Datasheet(HTML) 90 Page - Nuvoton Technology Corporation

Back Button M032FD2AE Datasheet HTML 86Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 87Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 88Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 89Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 90Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 91Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 92Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 93Page - Nuvoton Technology Corporation M032FD2AE Datasheet HTML 94Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 274 page
background image
M031/M032
Feb 25, 2019
Page 90 of 274
Rev. 1.01
6.2.7
Chip Bus Matrix
The M031 series supports Bus Matrix to manage the access arbitration between masters. The access
arbitration use round-robin algorithm as the bus priority.
Cortex
® -M0
PDMA
FLASH
SRAM
APB0
APB1
EBI
AHB
(ctrl)
M0
M1
S0
S1
S2
S3
S5
S4
Figure 6.2-9 NuMicro
® M031 Bus Matrix Diagram
6.2.8
IRC Auto Trim
This chip supports auto-trim function: the HIRC trim (48 MHz RC oscillator), according to the accurate
external 32.768 kHz crystal oscillator or internal USB synchronous mode, automatically gets accurate
output frequency, 0.25 % deviation within all temperature ranges.
In HIRC case, the system needs an accurate 48 MHz clock. In such case, if neither using use PLL as
the system clock source nor soldering 32.768 kHz crystal or in system, user has to set REFCKSEL
(SYS_HIRCTRIMCTL
[10] reference clock selection) to “1”, set FREQSEL (SYS_HIRCTRIMCTL [1:0]
trim
frequency selection) to “01”, and the auto-trim function will be enabled. Interrupt status bit
FREQLOCK (SYS_HIRCTRIMSTS[0
] HIRC frequency lock status) “1” indicates the HIRC output
frequency is accurate within 0.25% deviation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com