Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9300 Datasheet(PDF) 52 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 48Page - STMicroelectronics L9300 Datasheet HTML 49Page - STMicroelectronics L9300 Datasheet HTML 50Page - STMicroelectronics L9300 Datasheet HTML 51Page - STMicroelectronics L9300 Datasheet HTML 52Page - STMicroelectronics L9300 Datasheet HTML 53Page - STMicroelectronics L9300 Datasheet HTML 54Page - STMicroelectronics L9300 Datasheet HTML 55Page - STMicroelectronics L9300 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 182 page
background image
Figure 27. High–side and low–side configuration
HS
LS
VSx
LOADx
RETURNx
VBATP
HS
LS
LOADx
RETURNx
VBATP
drivers
control &
Current
driver
HS pre-
PD2S
PD2G
VSx
drivers
control &
Current
driver
HS pre-
PD2S
PD2G
High-side configuration
Low-side configuration
GADG1807170920PS
If CONFIG pin is set to high, solenoid activation depends also on the Q&A WD status as described in
Section 14.1.2 Watchdog states evolution.
The solenoid drivers can work in two different configurations selectable by SW_cntr_x bit (default =0): hardware
mode when the current flowing in the load is controlled by internal control loop or software mode where the loop is
closed by external microcontroller and the driver is actuated through INx pins.
The following parameters can be configured only when the solenoid driver is not active:
•
HS-LS configuration
•
Software/Hardware Current Control Feedback
•
Operating Current Range
•
Overcurrent Threshold
The following parameters can be modified during channel operation:
•
Current Set Point (HW mode only)
•
Switching Period (HW mode only)
•
Dither (HW mode only)
•
Control Loop parameters (HW mode only)
•
Full on mode (HW mode only)
•
Slew Rate Control
10.1.1.1
Hardware current control
In this case, SW_cntr_x = 0, the device needs to receive the target of the load current from the microcontroller
through SPI together with the target switching frequency. Once the channel is enabled the device starts to drive in
PWM mode the drivers (HS & LS) adjusting consequently the duty cycle to reach the target load current.
The switching frequency and the regulated current can be programmed separately for each channel.
The device offers the possibility to synchronize the turning on of all the channels by writing to 1 all the
corresponding bits in the enable register.
L9300
Solenoid driver
DS12258 - Rev 4
page 52/182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com