Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9300 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 3Page - STMicroelectronics L9300 Datasheet HTML 4Page - STMicroelectronics L9300 Datasheet HTML 5Page - STMicroelectronics L9300 Datasheet HTML 6Page - STMicroelectronics L9300 Datasheet HTML 7Page - STMicroelectronics L9300 Datasheet HTML 8Page - STMicroelectronics L9300 Datasheet HTML 9Page - STMicroelectronics L9300 Datasheet HTML 10Page - STMicroelectronics L9300 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 182 page
background image
4
Absolute maximum ratings
The component must withstand all the following stimuli without any damage or latch-up. Exceeding any of
these values or sustaining it for an extended period (defined in the battery voltage range table) may lead to
characteristics degradation or component damage. All voltages are related to analog ground pin GND.
Table 1. Absolute maximum ratings (-40 °C ≤ Tj ≤ 175 °C)
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit Pin Direction
VBATP
Global
-0.3
40
V
S
VCP
Local
VCP-VBATP < 13 V, VBATP-VCP < 0.3 V
-0.3
50
V
S
VC1, VC3
Local
VCx-VBATP < 0.3 V
-0.3
40
V
O
VC2, VC4
Local
VCx-VBATP < 13 V VBATP-VCx < 0.3 V
-0.3
50
V
O
VSx
Global
In the application condition -1/+40 V; no impact on other
functions(1)
-0.3
40
V
S
PD1D
Global
-0.3
40
V
I
PD1G
Local
Internally shorted to PD1S (off phase). PD1G-PD1S < 13
V
-2
50
V
O
PD1S
Global
PD1S-PD1G < 0.3 V
-2
40
V
O
PD2G
Local
Internally shorted to PD2S (off phase). PD2G-PD2S < 13
V
-0.3
50
V
O
PD2S
Global
In the application condition: VSx in short condition
supplied by PD2S -1/+40 V, no impact on other functions.
(1) PD2S-PD2G < 0.3 V
-0.3
40
V
O
GPO
Global
In the application condition -1/+40 V; no impact on other
functions(1)
-0.3
40
V
O
LOADx
Global
In the application condition -1/+40 V; no impact on other
functions(1)
-0.3
40
V
O
RETURNx
Local
-0.3
0.3
V
I
VDD1
Local
-0.3
19
V
O
VDD1_SEL
Local
-0.3
40
V
I
VROUT
Local
-2
40
V
O
VDD2_SUP
Global
-0.3
40
V
S
VDD2
Global
-2
40
V
O
VDD2_SEL
Local
-0.3
19
V
I
VDD3_G
Local
-0.3
19
V
O
VDD3_SEL
Local
-0.3
19
V
I
VDD4_SH
Global
-0.3
40
V
I
VDD4_SL
Global
-0.3
40
V
I
VDD4_G
Local
VDD4G-VDD4S < 13 V, VDD4G-VDD4BTS < 0.3 V
-0.3
50
V
O
VDD4_S
Local
In the application condition -2/+40 V (Schottky diode
activation time < 0.2 μs), no impact on other functions.(2)
VDD4S-VDD4G < 0.3 V
-0.3
40
V
O
VDD4_SEL
Local
-0.3
19
V
I
VDD4_BTS
Local
VDD4BTS-VDD4G < 13 V
-0.3
50
V
S
TRKn
Global
-2
40
V
O
L9300
Absolute maximum ratings
DS12258 - Rev 4
page 7/182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com