Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9300 Datasheet(PDF) 68 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 64Page - STMicroelectronics L9300 Datasheet HTML 65Page - STMicroelectronics L9300 Datasheet HTML 66Page - STMicroelectronics L9300 Datasheet HTML 67Page - STMicroelectronics L9300 Datasheet HTML 68Page - STMicroelectronics L9300 Datasheet HTML 69Page - STMicroelectronics L9300 Datasheet HTML 70Page - STMicroelectronics L9300 Datasheet HTML 71Page - STMicroelectronics L9300 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 182 page
background image
Figure 38. Failsafe concept
GADG2012171046PS
10.2.2
Fail–safe pre–driver electrical characteristics
5.5 V ≤ VBATP ≤ 19 V; 5.5 V ≤ PD1D ≤ 19 V; -40 °C ≤ Tj ≤ 175 °C, unless otherwise noticed. All voltages refer to
GND pin.
Table 39. Fail-safe Pre-driver electrical characteristics
Symbol
Parameter
Test condition
Min Typ Max Unit
Pin
Failsafe Pre-driver
PD2_ON
PD2 ON voltage
PD2G – PD2S
7
10
V
PD2G, PD2S
PD2_OFF
PD2 OFF voltage
PD2G – PD2S
0
1
V
PD2G, PD2S
PD2_Isource
PD2 current source
0.5
1
1.5
mA
PD2G
PD2_Isink
PD2 current sink
2.5
5
7.5
mA
PD2G
PD2S_Ibias_OFF PD2S bias current from CP supply
Failsafe Pre-driver disabled, WAKE = VBATP
= 13V
-350 -250 -150
µA
PD2S
PD2S_Ibias_ON PD2S bias current from CP supply
FailSafe Pre-driver enabled, WAKE = VBATP
= 13V
-250 -160 -100
µA
PD2S
10.3
Pump pre-driver
10.3.1
Pump pre-driver functional description
The device provides a pump motor pre-driver channel that can operate in PWM mode. The value of switching
frequency and value of the duty cycle of the pre-driver have to be programmed by SPI using PUMP_TCK_PGM
(8bit) and PUMP_DTY_PGM (8bit) registers. The picture below shows the architecture of the PWM generation.
L9300
Pump pre-driver
DS12258 - Rev 4
page 68/182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com