Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9300 Datasheet(PDF) 61 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 57Page - STMicroelectronics L9300 Datasheet HTML 58Page - STMicroelectronics L9300 Datasheet HTML 59Page - STMicroelectronics L9300 Datasheet HTML 60Page - STMicroelectronics L9300 Datasheet HTML 61Page - STMicroelectronics L9300 Datasheet HTML 62Page - STMicroelectronics L9300 Datasheet HTML 63Page - STMicroelectronics L9300 Datasheet HTML 64Page - STMicroelectronics L9300 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 182 page
background image
Figure 34. Driver behavior in short to GND condition: HS_config=1, SW_cntr=1, OVC_R=1
GADG1807171607PS
Figure 35. Driver behavior in short to battery condition: HS_config=1, SW_cntr=1, OVC_R=1
GADG1807171607PS
Solenoid supply disconnection
When solenoid driver is configured in LS configuration recirculation happens through the internal HS FET. If the
supply of HS power stage is lost, due to the inductive nature of the load, voltage at LOADx pin could rise above
absolute ratings damaging the device; to prevent such a condition a clamping structure is integrated in the LS
driver. If the clamping structure is activated in normal operation it means a disconnection of HS supply happened:
as a consequence the solenoid channel is put in tristate and a dedicated diagnostic bit is set. To restart the
channel the microcontroller has to clear the fault bit (reading the fault register) and to enable the channel again.
LS clamp circuitry is automatically disabled when VBATP over voltage is detected to avoid unwanted clamp
activation during load dump event.
OFF State Diagnostic
The device provides off-state diagnostic for each channel; simplified schematic of implemented diagnostic is
shown in Figure 36 and Figure 37 depending on the chosen configuration.
L9300
Solenoid driver
DS12258 - Rev 4
page 61/182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com