Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9300 Datasheet(PDF) 62 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 58Page - STMicroelectronics L9300 Datasheet HTML 59Page - STMicroelectronics L9300 Datasheet HTML 60Page - STMicroelectronics L9300 Datasheet HTML 61Page - STMicroelectronics L9300 Datasheet HTML 62Page - STMicroelectronics L9300 Datasheet HTML 63Page - STMicroelectronics L9300 Datasheet HTML 64Page - STMicroelectronics L9300 Datasheet HTML 65Page - STMicroelectronics L9300 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 182 page
background image
By default diagnostic pull up/down currents are disabled and comparator outputs are masked by internal logic, to
enable OFF state diagnostic the channel must be put first in tristate condition and then (if not already done with
previous SPI frames) diagnostic must be enabled. Once the desired channel is put in tristate a false diagnostic
can be sensed due to the time needed to discharge output voltage through the load. To avoid unwanted fault
detection a blanking time is implemented: during this time diagnostic comparators are masked. The diagnostic
blanking time is programmable through SPI to choose the proper value depending on external load value and
ESD capacitor connected to the output pin. Fault conditions are latched and cleared on SPI read, however they
do not prevent enabling of the solenoid channels.
OFF state diagnostic comparators are the same for both HS and LS configuration and their output is decoded
from internal logic to set SPI fault bits according to the following figure:
Figure 36. LS configuration diagnostic
GADG2709181312PS
HS GATE
DRIVER
off state
LS GATE
DRIVER
off state
gm
VTOPEN
I_LS_PU
I_LS_PD
LOADx
RETURNx
VSx
LOAD
VTGND
DIAGOL
DIAGLV
VOUTOPEN
+
–
+
–
+
–
Table 35. LS diagnostic truth table
Comparator Output
FAULT DETECTION
Exception Registers [6:5]
DIAGOL
DIAGLV
OPEN LOAD
SHORT
0
0
Normal operation – no fault-
0
0
0
1
Not possible
0
0
1
0
Open load
1
0
1
1
Short to ground
0
L9300
Solenoid driver
DS12258 - Rev 4
page 62/182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com