Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SICA-R7 Datasheet(PDF) 102 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 102 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 98Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 99Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 100Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 101Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 102Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 103Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 104Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 105Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 106Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 400 page
background image
Peripherals
Register
Offset
Security Description
DETECTMODE
0x024
Select between default DETECT signal behavior and LDETECT mode (For non-secure pin only)
This register is retained.
DETECTMODE_SEC
0x028
Select between default DETECT signal behavior and LDETECT mode (For secure pin only)
This register is retained.
PIN_CNF[n]
0x200
Configuration of GPIO pins
This register is retained.
Table 38: Register overview
6.4.4.1 OUT (Retained)
Address offset: 0x004
Write GPIO port
This register is retained.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
f e d c b a Z Y X W V U T S R Q P O N M L K J I H G F E D C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A-f
RW
PIN[i] (i=0..31)
Pin i
Low
0
Pin driver is low
High
1
Pin driver is high
6.4.4.2 OUTSET
Address offset: 0x008
Set individual bits in GPIO port
Note: Read: reads value of OUT register.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
f e d c b a Z Y X W V U T S R Q P O N M L K J I H G F E D C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A-f
RW
PIN[i] (i=0..31)
Pin i
Low
0
Read: pin driver is low
High
1
Read: pin driver is high
Set
1
Write: writing a '1' sets the pin high; writing a '0' has no effect
6.4.4.3 OUTCLR
Address offset: 0x00C
Clear individual bits in GPIO port
Note: Read: reads value of OUT register.
4418_1315 v2.0
102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com