Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SICA-R7 Datasheet(PDF) 105 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 105 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 101Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 102Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 103Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 104Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 105Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 106Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 107Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 108Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 109Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 400 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
DETECTMODE
Select between default DETECT signal behavior and LDETECT mode
Default
0
DETECT directly connected to PIN DETECT signals
LDETECT
1
Use the latched LDETECT behavior
6.4.4.11 PIN_CNF[n] (n=0..31) (Retained)
Address offset: 0x200 + (n × 0x4)
Configuration of GPIO pins
This register is retained.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
E E
D D D
C C B A
Reset 0x00000002
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0
ID
R/W
Field
Value ID
Value
Description
A
RW
DIR
Pin direction. Same physical register as DIR register
Input
0
Configure pin as an input pin
Output
1
Configure pin as an output pin
B
RW
INPUT
Connect or disconnect input buffer
Connect
0
Connect input buffer
Disconnect
1
Disconnect input buffer
C
RW
PULL
Pull configuration
Disabled
0
No pull
Pulldown
1
Pull down on pin
Pullup
3
Pull up on pin
D
RW
DRIVE
Drive configuration
S0S1
0
Standard '0', standard '1'
H0S1
1
High drive '0', standard '1'
S0H1
2
Standard '0', high drive '1'
H0H1
3
High drive '0', high 'drive '1''
D0S1
4
Disconnect '0', standard '1' (normally used for wired-or connections)
D0H1
5
Disconnect '0', high drive '1' (normally used for wired-or connections)
S0D1
6
Standard '0', disconnect '1' (normally used for wired-and connections)
H0D1
7
High drive '0', disconnect '1' (normally used for wired-and connections)
E
RW
SENSE
Pin sensing mechanism
Disabled
0
Disabled
High
2
Sense for high level
Low
3
Sense for low level
6.4.5 Electrical specification
6.4.5.1 GPIO Electrical Specification
Symbol
Description
Min.
Typ.
Max.
Units
VIH
Input high voltage
0.7 x
VDD
VDD
V
VIL
Input low voltage
VSS
0.3 x
VDD
V
VOH,SD
Output high voltage, standard drive, 0.5 mA, VDD ≥1.7
VDD-0.4
VDD
V
4418_1315 v2.0
105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com