Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SICA-R7 Datasheet(PDF) 123 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 123 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 119Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 120Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 121Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 122Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 123Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 124Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 125Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 126Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 127Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 400 page
background image
Peripherals
register specifies the position of the data frames with respect to the LRCK edges in both Master and Slave
modes.
When using I2S format, the first bit in a half-frame (containing one left or right sample) gets sampled on
the second rising edge of the SCK after a LRCK edge. When using Aligned mode, the first bit in a half-frame
gets sampled on the first rising edge of SCK following a LRCK edge.
For data being received on SDIN the sample value can be either right or left-aligned inside a half-frame, as
specified in CONFIG.ALIGN on page 136. CONFIG.ALIGN on page 136 affects only the decoding of the
incoming samples (SDIN), while the outgoing samples (SDOUT) are always left-aligned (or justified).
When using left-alignment, each half-frame starts with the MSB of the sample value (both for data being
sent on SDOUT and received on SDIN).
When using right-alignment, each half-frame of data being received on SDIN ends with the LSB of the
sample value, while each half-frame of data being sent on SDOUT starts with the MSB of the sample value
(same as for left-alignment).
In Master mode, the size of a half-frame (in number of SCK periods) equals the sample width (in number
of bits), and in this case the alignment setting does not care as each half-frame in any case will start with
the MSB and end with the LSB of the sample value.
In slave mode, however, the sample width does not need to equal the frame size. This means you might
have extra or fewer SCK pulses per half-frame than what the sample width specified in CONFIG.SWIDTH
requires.
In the case where we use left-alignment and the number of SCK pulses per half-frame is higher than the
sample width, the following will apply:
• For data received on SDIN, all bits after the LSB of the sample value will be discarded.
• For data sent on SDOUT, all bits after the LSB of the sample value will be 0.
In the case where we use left-alignment and the number of SCK pulses per frame is lower than the
sample width, the following will apply:
• Data sent and received on SDOUT and SDIN will be truncated with the LSBs being removed first.
In the case where we use right-alignment and the number of SCK pulses per frame is higher than the
sample width, the following will apply:
• For data received on SDIN, all bits before the MSB of the sample value will be discarded.
• For data sent on SDOUT, all bits after the LSB of the sample value will be 0 (same behavior as for left-
alignment).
In the case where we use right-alignment and the number of SCK pulses per frame is lower than the
sample width, the following will apply:
• Data received on SDIN will be sign-extended to "sample width" number of bits before being written to
memory.
• Data sent on SDOUT will be truncated with the LSBs being removed first (same behavior as for left-
alignment).
frame
left
LRCK
SCK
SDIN or SDOUT
left
right
Figure 26: I2S format. CONFIG.SWIDTH equalling half-frame size.
4418_1315 v2.0
123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com