| Electronic Components Datasheet Search |
|
HC705JB2GRS/H Datasheet(PDF) 31 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705JB2GRS/H Datasheet(HTML) 31 Page - NXP Semiconductors |
|
31 / 128 page ![]() August 28, 1998 GENERAL RELEASE SPECIFICATION INTERRUPTS REV 1.1 4-1 SECTION 4 INTERRUPTS The MCU can be interrupted in six different ways: • Non-maskable Software Interrupt Instruction (SWI) • External Interrupt (IRQ) • Optional External Interrupt via IRQ on PA0-PA3 (mask option) • USB Interrupt • Timer1 Interrupt (16-bit Timer) • Multi-Function Timer Interrupt 4.1 CPU INTERRUPT PROCESSING Interrupts cause the processor to save register contents on the stack and to set the interrupt mask (I-bit) to prevent additional interrupts. Unlike RESET, hardware interrupts do not cause the current instruction execution to be halted, but are considered pending until the current instruction is complete. If interrupts are not masked (I-bit in the CCR is clear) and the corresponding interrupt enable bit is set the processor will proceed with interrupt processing. Otherwise, the next instruction is fetched and executed. If an interrupt occurs the processor completes the current instruction, then stacks the current CPU register states, sets the I-bit to inhibit further interrupts, and finally checks the pending hardware interrupts. If more than one interrupt is pending following the stacking operation, the interrupt with the highest vector location shown in Table 4-1 will be serviced first. The SWI is executed the same as any other instruction, regardless of the I-bit state. When an interrupt is to be processed the CPU fetches the address of the appropriate interrupt software service routine from the vector table at locations $1FF4 to $1FFF as defined in Table 4-1. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |