Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC705JB2GRS/H Datasheet(PDF) 35 Page - NXP Semiconductors

Part # HC705JB2GRS/H
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JB2GRS/H Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button HC705JB2GRS/H Datasheet HTML 31Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 32Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 33Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 34Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 35Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 36Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 37Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 38Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 128 page
background image
August 28, 1998
GENERAL RELEASE SPECIFICATION
INTERRUPTS
REV 1.1
4-5
The IRQ pin is one source of an IRQ interrupt and a mask option can also enable
the four lower Port A pins (PA0 thru PA3) to act as other IRQ interrupt sources.
Refer to Figure 4-2 for the following descriptions. IRQ interrupt source comes
from IRQ latch. The IRQ latch will be set on the falling edge of the IRQ pin or on
any rising edge of PA0-3 pins if PA0-3 interrupts have been enabled. If "edge-only"
sensitivity is chosen by a mask option, only the IRQ latch output can activate an
IRQF flag which creates a request to the CPU to generate the IRQ interrupt
sequence. This makes the IRQ interrupt sensitive to the following cases:
Falling edge on the IRQ pin.
Rising edge on any PA0-PA3 pin with IRQ enabled (via mask option).
If level sensitivity is chosen, the active high state the signal to the clock input of
the IRQ latch can also activate an IRQF flag which creates an IRQ request to the
CPU to generate the IRQ interrupt sequence. This makes the IRQ interrupt
sensitive to the following cases:
Low level on the IRQ pin.
Falling edge on the IRQ pin.
High level on any PA0- PA3 pin with IRQ enabled (via mask option).
Rising edge on any PA0- PA3 pin with IRQ enabled (via mask option).
The IRQE enable bit controls whether an active IRQF flag can generate an IRQ
interrupt sequence. This interrupt is serviced by the interrupt service routine
located at the address specified by the contents of $1FFA and $1FFB.
The IRQ latch is automatically cleared by entering the interrupt service routine IF
IRQE enable bit is cleared. If IRQE enable bit is also set, the only way of clearing
IRQF is by writing a logic one to the IRQR acknowledge bit. Writing a logic one to
the IRQR acknowledge bit in the ICSR is the other way of clearing IRQF flag. As
long as the output state of the IRQF flag bit is active the CPU will continuously re-
enter the IRQ interrupt sequence until the active state is removed or the IRQE
enable bit is cleared.
4.4.2 IRQ Control/status Register (ICSR) $0A
The IRQ interrupt function is controlled by the ICSR located at $000A. All unused
bits in the ICSR will read as logic zeros. The IRQF bit is cleared and IRQE bit is
set by reset.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
ICSR
R
IRQE
0
0
0
IRQF
0
0
0
$000A
W
IRQR
reset:
10000000
Figure 4-3. IRQ Control and Status Register (ICSR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com