| Electronic Components Datasheet Search |
|
HC705JB2GRS/H Datasheet(PDF) 111 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705JB2GRS/H Datasheet(HTML) 111 Page - NXP Semiconductors |
|
111 / 128 page ![]() August 28, 1998 GENERAL RELEASE SPECIFICATION INSTRUCTION SET REV 1.1 12-7 12.1.13 Bit Manipulation Instructions The CPU can set or clear any writable bit in the first 256 bytes of memory. Port registers, port data direction registers, timer registers, and on-chip RAM locations are in the first 256 bytes of memory. The CPU can also test and branch based on the state of any bit in any of the first 256 memory locations. Bit manipulation instructions use direct addressing. Table 12-4 lists these instructions. 12.1.14 Control Instructions These register reference instructions control CPU operation during program execution. Control instructions, listed in Table 12-5, use inherent addressing. Table 12-4. Bit Manipulation Instructions Instruction Mnemonic Clear Bit BCLR Branch if Bit Clear BRCLR Branch if Bit Set BRSET Set Bit BSET Table 12-5. Control Instructions Instruction Mnemonic Clear Carry Bit CLC Clear Interrupt Mask CLI No Operation NOP Reset Stack Pointer RSP Return from Interrupt RTI Return from Subroutine RTS Set Carry Bit SEC Set Interrupt Mask SEI Stop Oscillator and Enable IRQ Pin STOP Software Interrupt SWI Transfer Accumulator to Index Register TAX Transfer Index Register to Accumulator TXA Stop CPU Clock and Enable Interrupts WAIT Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |