Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC705JB2GRS/H Datasheet(PDF) 120 Page - NXP Semiconductors

Part # HC705JB2GRS/H
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JB2GRS/H Datasheet(HTML) 120 Page - NXP Semiconductors

Back Button HC705JB2GRS/H Datasheet HTML 116Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 117Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 118Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 119Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 120Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 121Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 122Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 123Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 124Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 128 page
background image
GENERAL RELEASE SPECIFICATION
August 28, 1998
ELECTRICAL SPECIFICATIONS
MC68HC705JB2
13-2
REV 1.1
13.3
DC ELECTRICAL CHARACTERISTICS
Table 13-3. DC Electrical Characteristics
(VDD = 4.2V to 5.5V, VSS = 0 Vdc, TA = 0°C to +70°C, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage
ILoad = 10.0 µA
VOL
VOH
VDD–0.1
0.1
V
Output High Voltage
(ILoad =–0.8 mA) PA0-5, PB0
VOH
VDD–0.8
V
Output Low Voltage
(I
Load
= 1.6 mA) PA0-3, PB0
(I
Load
= 8.0 mA) PA4-7
(I
Load
= 25.0 mA) PB1, PB2 (note 8)
VOL
0.4
0.4
0.5
V
Input High Voltage
PA0-7, PB0-2, IRQ, RESET, OSC1
VIH
0.7
×V
DD
—VDD
V
Input Low Voltage
PA0-7, PB0-2, IRQ, RESET, OSC1
VIL
VSS
0.2
×V
DD
V
Supply Current (see Notes)
Run (USB active)
Run (USB suspended)
Wait (USB active)
Wait (USB suspended)
Stop
25
°C
0
°C to +70°C
IDD
10
2.3
8.8
1.0
200
300
12
4.0
10
2.0
250
400
mA
mA
mA
mA
µA
µA
I/O Ports Hi-Z Leakage Current
PA0-7, PB0-2
(without individual pulldown/up activated)
IZ
——
±10
µA
Input Pulldown Current
PA0-7, PB0
(with individual pulldown activated)
IIL
50
100
200
µA
Input Current
RESET, IRQ, OSC1
Iin
——
±1
µA
Capacitance
Ports (as Input or Output)
RESET, IRQ, OSC1, OSC2
Cout
Cin
12
8
pF
pF
Crystal/Ceramic Resonator Oscillator Mode
Internal Resistor
OSC1 to OSC2
ROSC
1.0
2.0
3.0
M
Pullup Resistor
PB1, PB2
RPULL-UP
25
100
200
K
LVR Inhibit (see note 9)
VLVRI
3.0
3.3
3.6
V
LVR Recover (see note 9)
VLVRR
3.1
3.5
3.7
V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com