| Electronic Components Datasheet Search |
|
HC705JJ7GRS/D Datasheet(PDF) 117 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705JJ7GRS/D Datasheet(HTML) 117 Page - NXP Semiconductors |
|
117 / 230 page ![]() Analog Subsystem Analog Status Register MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0 General Release Specification Analog Subsystem COE1 This read-write bit controls the output of comparator 1 to the PB4 pin. It is not active unless the OPT bit in the COPR at location $1FF0 is set. Any reads of the COE1 bit location return a logical zero if the OPT bit is clear. The COE1 bit is cleared by a reset of the device. 1 = Enables the output of comparator 1 to be ORed with the PB4 data bit and OLVL bit, if the DDRB4 bit is also set. 0 = Disables the output of comparator 1 from affecting the PB4 pin. CMP2 This read-only bit shows the state of comparator 2 during the time that the bit is read. This bit is therefore the current state of the comparator without any latched history. The CMP2 bit will be high if the voltage on the PB0/AN0 pin is greater than the voltage on the PB1/AN1 pin, regardless of the state of the INV bit in the AMUX register. Since a reset disables comparator 2, this bit returns a logical zero following a reset of the device. 1 = The voltage on the positive input on comparator 2 is higher than the voltage on the negative input of comparator 2 0 = The voltage on the positive input on comparator 2 is lower than the voltage on the negative input of comparator 2 CMP1 This read-only bit shows the state of comparator 1 during the time that the bit is read. This bit is therefore the current state of the comparator without any latched history. The CMP1 bit will be high if the voltage on the PB2/AN2 pin is greater than the voltage on the PB3/AN3/TCAP pin, regardless of the state of the INV bit in the AMUX register. Since a reset disables comparator 1, this bit returns a logical zero following a reset of the device. 1 = The voltage on the positive input on comparator 1 is higher than the voltage on the negative input of comparator 1 0 = The voltage on the positive input on comparator 1 is lower than the voltage on the negative input of comparator 1 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |