| Electronic Components Datasheet Search |
|
TMPR4955AF Datasheet(PDF) 51 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4955AF Datasheet(HTML) 51 Page - Toshiba Semiconductor |
|
51 / 168 page ![]() Chapter 3 Initialization Interface 3-1 Chapter 3. Initialization Interface This chapter describes the TX4955A Initialization interface, and the processor modes. This includes the reset signal description and types, and initialization sequence, with signals and timing dependencies, and the user-selectable TX4955A processor modes. Signal names are listed in bold letters—for instance the signal MasterClock MasterClock MasterClock MasterClock indicates the processor clock. Low-active signals are indicated by a trailing asterisk, such as ColdReset ColdReset ColdReset ColdReset*, the power-on/cold reset signal. 3.1 Functional Overview The TX4955A processor has the following two types of resets; they use the ColdReset ColdReset ColdReset ColdReset* and Reset Reset Reset Reset* input signals. • Cold Reset Cold Reset Cold Reset Cold Reset is asserted after the power supply is stable and then restarts all clocks. A cold reset completely reinitializes the internal state machine of the processor without saving any state information. • Warm Reset Warm Reset Warm Reset Warm Reset restarts processor, but does not affect clocks. A warm reset preserves the processor internal state. After reset, the processor is bus master and drives the SysAD bus. For reset vector address, use Oxbfc0 0000. In the TX49/H2 processor core, the reset vector is located in address space without caching. Therefore, the cache and TLB need not be initialized at reset processing. 3.1.1 System Coordination Care must be taken to coordinate system reset with other system elements. In general, bus errors immediately before, during, or after a reset may result in unpredicted behavior. Also, a small amount of processor state is guaranteed as stable after a reset of the TX4955A processor, so extreme care must be taken to correctly initialize the processor through software. The operation of each type of reset is described in sections that follow. Refer to Figure 3.2.1 and Figure 3.2.2 later in this chapter for timing diagrams of the cold and warm resets. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |