Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMPR4955AF Datasheet(PDF) 88 Page - Toshiba Semiconductor

Part # TMPR4955AF
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955AF Datasheet(HTML) 88 Page - Toshiba Semiconductor

Back Button TMPR4955AF Datasheet HTML 84Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 85Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 86Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 87Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 88Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 89Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 90Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 91Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 92Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 168 page
background image
Chapter 6 TX4955A System Interface
6-16
2. Reissue write
When in the reissue write mode, the WrRdy* signal is asserted for 1 cycle 2 cycles
before the address cycle, and the write operation is reissued when the WrRdy*
signal is asserted during the address cycle. Figure 6.2.15 illustrates the reissue
write protocol.
•
By asserting (Low) the WrRdy* signal in the first and third cycles,
Addr0/Data0 issues a write operation in the third or fourth cycle.
•
By deasserting (High) the WrRdy* signal in the fifth cycle, Addr1/Data1 does
not issue a write operation in the fifth and sixth cycles.
•
By asserting (Low) the WrRdy* signal again in the eighth and tenth cycles,
Addr1/Data issues a write operation in the tenth and eleventh cycles.
Figure 6.2.15 Reissue Write Protocol
3. Pipeline write
Similar to when in the R4000 compatible write mode, the pipeline write protocol
issues a write operation if the WrRdy* signal is asserted for 1 cycle 2 cycles before
the write operation is issued. However, the 2 cycles of dummy data after the write
operation are deleted. The external agent must be able to accept one write
operation or more after WrRdy* is deasserted. Figure 6.2.16 illustrates this
protocol.
•
Third, fourth cycle Addr0/Data0 is issued by asserting (Low) the WrRdy*
signal in the first cycle.
•
Fifth, sixth cycle Addr1/Data1 is issued by asserting (Low) the WrRdy* signal
in the third cycle.
•
Addr2 is not issued in the seventh cycle when the WrRdy* signal is deasserted
(High) in the fifth cycle. Addr2/Data2 is issued in the tenth, eleventh cycle by
asserting the WrRdy* signal again in the eighth cycle.
Figure 6.2.16 Pipeline Write Protocol
1
2
345
6
Cycle
Master Clock
SysAD Bus
WrRdy*
78
9
10
11
12
SysCmd Bus
Addr0
Issue
Data0
Addr1
Data1
Data 1
Write
NEOD
Write
NEOD
NEOD
No
Issue
No
Issue
No
Issue
No
Issue
Issue
Addr1
Write
1
2
345
6
Cycle
Master Clock
SysAD Bus
WrRdy*
78
9
10
11
12
SysCmd Bus
Addr0
Issue
Data0
Addr1
Data1
Data 1
Write
NEOD
Write
NEOD
NEOD
No
Issue
No
Issue
No
Issue
Issue
Addr2
Write
Issue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com