Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMPR4955AF Datasheet(PDF) 93 Page - Toshiba Semiconductor

Part # TMPR4955AF
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955AF Datasheet(HTML) 93 Page - Toshiba Semiconductor

Back Button TMPR4955AF Datasheet HTML 89Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 90Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 91Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 92Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 93Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 94Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 95Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 96Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 97Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 168 page
background image
Chapter 6 TX4955A System Interface
6-21
6.2.8.10 External write request protocol
The same protocol as the processor single word write protocol is used for external
write requests, except when the ValidIn* signal is asserted instead of the ValidOut*
signal.
Figure 6.2.21 illustrates the timing of the external write request, which consists of
the following steps.
1. The external agent requests use of the system interface by asserting ExtRqst*.
2. The processor asserts Release*, then the system interface is released from the
processor and goes into the slave state.
3. The external agent sends a write command to the SysCmd bus, and sends a write
address to the SysAD bus while asserting ValidIn*.
4. The external agent sends data identifiers to the SysCmd bus, and sends data to
the SysAD bus while asserting ValidIn*.
5. Data identifiers for this data cycle must contain an indication of a coherent or
non-coherent final data cycle.
6. After a data cycle is issued, the write request is complete, the external agent sets
the SysCmd and SysAD busses to tri-state, then the system interface returns to
the master state. Timing of the SysADC bus and SysCmdP bus are each the same
as the SysAD bus and SysCmd bus, respectively.
External write requests can write only 1 word of data to the processor. Operation of
processors that have specified data elements other than a single word of data by an
external write request is not defined.
Figure 6.2.21 External Write Request when System Interface Starts in the Master State
1
2
345
6
Cycle
Master Clock
SysAD Bus
ValidOut*
Validln*
78
9
10
11
12
SysCmd Bus
ExtRqst*
Release*
Master
2
4
3
Addr
Data0
Slave
Master
Write
NEOD
6
5
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com