| Electronic Components Datasheet Search |
|
TMPR4955AF Datasheet(PDF) 71 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4955AF Datasheet(HTML) 71 Page - Toshiba Semiconductor |
|
71 / 168 page ![]() Chapter 5 Cache Organization 5-11 5.10.1 Cache Write Policy The TX4955A processor manages its data cache by using a write-back and a write-through policy. A write-back stores write data into the cache, instead of writing it directly to memory. Some time later this data is independently written into memory. In the TX4955A implementation, a modified cache line is not written back to memory until the cache line is to be replaced either in the course of satisfying a cache miss, or during the execution of a write-back CACHE instruction. When the processor writes a cache line back to memory, it does not ordinarily retain a copy of the cache line, and the state of the cache line is changed to invalid. A write-through is written simultaneously to cache and memory. 5.10.2 Data Cache Line Replacement Since the data cache uses a write-back and a write-through methodology, a cache line load is issued to main memory on a load or store miss, as described below. After the data from memory is written to the data cache, the pipeline resumes execution. TX4955A does not support “Critical Data Word First”. Always it transfer the data of first address. Rules for replacement on data load and data store misses are given below. • Data Load Miss Data Load Miss Data Load Miss Data Load Miss If the missed line is not dirty, it is replaced with the requested line. If the missed line is dirty, it is moved to the write buffer. The requested line replaces the missed line, and the data in the write buffer is written to memory. • Data Store Miss Data Store Miss Data Store Miss Data Store Miss If the missed line is not dirty, the requested line is merged with the store data and written to memory. If the missed line is dirty, it is moved to the write buffer. The requested line is merged with the store data and written to cache, and data in the write buffer is written to memory. The data cache miss penalties, in number of SClock cycles, are given in Table 5.10.2. Table 5.10.2 Data Cache Refill Penalty Cycle Count Number of PClock Cycles Action 1 Stall the DC stage. 1 Transfer address to the write buffer and wait for the pipeline start signal 1 ∼ 2 Transfer address to the internal SysAD bus on the SClock. 2 Transfer to the external SysAD bus. M Time needed to access memory, measured in PClock cycles. 4 Transfer the cache line form memory to the SysAD bus. 2 Transfer the cache line from the external bus to the internal bus. 0 Restart the DC stage. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |