Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMPR4955AF Datasheet(PDF) 72 Page - Toshiba Semiconductor

Part # TMPR4955AF
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955AF Datasheet(HTML) 72 Page - Toshiba Semiconductor

Back Button TMPR4955AF Datasheet HTML 68Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 69Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 70Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 71Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 72Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 73Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 74Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 75Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 76Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 168 page
background image
Chapter 5 Cache Organization
5-12
5.10.3
Instruction Cache Line Replacement
For an instruction cache miss, refill is done using sequential ordering, starting from the
first word of the retrieved cache line.
During an instruction cache miss, a memory read is issued. The requested line is
returned from memory and written to the instruction cache. At this time the pipeline
resumes execution, and the instruction cache is reaccessed.
The replacement sequence for an instruction cache miss is:
1. Move the instruction physical address to the processor pads.
2. Wait for a PClock cycle, aligned with an SClock boundary, to occur.
3. Read the line from memory and write it out to the instruction cache array.
4. Restart the processor pipe.
The instruction cache miss penalties, in number of PClock, is given in Table 5.10.3.
Table 5.10.3 Instruction Cache Refill Penalty Cycle Count
Number of
PClock
Action
1
Stall the RF stage.
1
Transfer address to the write buffer and wait for the pipeline start signal.
1
∼ 2
Transfer to the external SysAD bus.
2
Transfer to the external SysAD bus.
M
Time needsd to access memory, measured in PClock cycles.
8
Transfer the cache line from memory to the SysAD bus.
2
Transfer the cache line from the external bus to the internal bus.
0
Restart the RF stage.
5.11 Manipulation of the Caches by an External Agent
The TX4955A does not provide any mechanisms for an external agent to examine and
manipulate the state and contents of the caches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com