| Electronic Components Datasheet Search |
|
TMPR4955AF Datasheet(PDF) 80 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4955AF Datasheet(HTML) 80 Page - Toshiba Semiconductor |
|
80 / 168 page ![]() Chapter 6 TX4955A System Interface 6-8 The external agent must be able to accept processor read requests at any time if either of the two following conditions is met. • There is no processor read request that is on hold. • The RdRdy* signal is asserted for 1 cycle 2 cycles before the issue cycle. 6.2.6.4 Processor write request When the processor issues a write request, the specified resources are accessed, then the data are written to those resources. Processor write requests are complete when the final data word is transferred to the external agent. The external agent must be able to accept processor write requests at any time if either of the two following conditions are met. • There is no processor read request that is on hold. • The WrRdy* signal is asserted for 1 cycle 2 cycles before the issue cycle. 6.2.6.5 External requests As illustrated in Figure 6.2.9, there are three types of external request: read, write, and null. This section will explain read responses, which are special external request cases. Figure 6.2.9 External Requests Read requests are used to call 1-word data from processor internal resources. Write requests are used to write 1-word data to the processor internal resources. Null requests are requests that do not require processor operation. As illustrated in Figure 6.2.10, the processor uses arbitration signals ExtRqst* and Release* to control the flow of external requests. The external agent cannot issue external requests unless access privileges to the system interface are obtained. In order to do so, the external agent asserts the ExtRqst* signal, then waits until the processor asserts the Release* signal for 1 cycle. Figure 6.2.10 External Requests External request ・ Read ・ Write ・ Null TX4955A External agent 1. External system requests bus access privileges by asserting the ExtRqst* signal TX4955A External agent 2. Processor grants access privileges by asserting the Release* signal 3. External system issues external request 4. Processor obtains bus access privileges again |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |