Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMPR4955AF Datasheet(PDF) 33 Page - Toshiba Semiconductor

Part # TMPR4955AF
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955AF Datasheet(HTML) 33 Page - Toshiba Semiconductor

Back Button TMPR4955AF Datasheet HTML 29Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 30Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 31Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 32Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 33Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 34Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 35Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 36Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 37Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 168 page
background image
3
General Safety Precautions and Usage Considerations
3-13
(1) Using a soldering iron
Complete soldering within ten seconds for lead temperatures of up to 260°C, or within three
seconds for lead temperatures of up to 350°C.
(2) Using medium infrared ray reflow
Heating top and bottom with long or medium infrared rays is recommended (see Figure 3).
Long infrared ray heater (preheating)
Medium infrared ray heater
(reflow)
Product flow
Figure 3
Heating top and bottom with long or medium infrared rays
Complete the infrared ray reflow process within 30 seconds at a package surface temperature of
between 210°C and 240°C.
Refer to Figure 4 for an example of a good temperature profile for infrared or hot air reflow.
210
30 s
or less
Time (s)
60-120 s
(°C)
240
160
140
Figure 4
Sample temperature profile for infrared or hot air reflow
(3) Using hot air reflow
Complete hot air reflow within 30 seconds at a package surface temperature of between 210°C
and 240°C.
For an example of a recommended temperature profile, refer to Figure 4 above.
(4) Using solder flow
Apply preheating for 60 to 120 seconds at a temperature of 150°C.
For lead insertion-type packages, complete solder flow within 10 seconds with the
temperature at the stopper (or, if there is no stopper, at a location more than 1.5 mm from
the body) which does not exceed 260°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com