Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6310E/PTSQTP Datasheet(PDF) 164 Page - Microchip Technology

Part # PIC18F6310E/PTSQTP
Description  64/80-Pin Flash Microcontrollers with nanoWatt Technology
PDF  404 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6310E/PTSQTP Datasheet(HTML) 164 Page - Microchip Technology

Back Button PIC18F6310E/PTSQTP Datasheet HTML 160Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 161Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 162Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 163Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 164Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 165Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 166Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 167Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 168Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 404 page
background image
PIC18F6310/6410/8310/8410
DS39635A-page 162
Preliminary
 2004 Microchip Technology Inc.
15.2.3
SOFTWARE INTERRUPT
When the Capture mode is changed, a false capture
interrupt may be generated. The user should keep bit
CCP2IE (PIE2<1>) clear to avoid false interrupts and
should clear the flag bit, CCP2IF, following any such
change in operating mode.
15.2.4
CCP PRESCALER
There are four prescaler settings in Capture mode; they
are specified as part of the operating mode selected by
the mode select bits (CCP2M3:CCP2M0). Whenever
the CCP module is turned off, or the CCP module is not
in Capture mode, the prescaler counter is cleared. This
means that any Reset will clear the prescaler counter.
Switching from one capture prescaler to another may
generate an interrupt. Also, the prescaler counter will
not be cleared, therefore, the first capture may be from
a
non-zero
prescaler.
Example 15-1
shows
the
recommended method for switching between capture
prescalers. This example also clears the prescaler
counter and will not generate the “false” interrupt.
EXAMPLE 15-1:
CHANGING BETWEEN
CAPTURE PRESCALERS
15.3
Compare Mode
In Compare mode, the 16-bit CCPR2 register value is
constantly compared against either the TMR1 or TMR3
register pair value. When a match occurs, the CCP2
pin can be:
• driven high
• driven low
• toggled (high-to-low or low-to-high)
• remain unchanged (that is, reflects the state of the
I/O latch)
The action on the pin is based on the value of the mode
select bits (CCP2M3:CCP2M0). At the same time, the
interrupt flag bit, CCP2IF, is set.
15.3.1
CCP PIN CONFIGURATION
The user must configure the CCPx pin as an output by
clearing the appropriate TRIS bit.
15.3.2
TIMER1/TIMER3 MODE SELECTION
Timer1 and/or Timer3 must be running in Timer mode,
or Synchronized Counter mode, if the CCP module is
using the compare feature. In Asynchronous Counter
mode, the compare operation may not work.
15.3.3
SOFTWARE INTERRUPT MODE
When the Generate Software Interrupt mode is chosen
(CCP2M3:CCP2M0 = 1010), the CCP2 pin is not
affected. Only a CCP interrupt is generated if enabled
and the CCP2IE bit is set.
15.3.4
SPECIAL EVENT TRIGGERS
CCP1 and CCP2 are both equipped with a special
event trigger. This is an internal hardware signal,
generated in Compare mode, to trigger actions by other
modules. The special event trigger is enabled by
selecting the Compare Special Event Trigger mode
(CCP2M3:CCP2M0 = 1011).
For either CCP module, the special event trigger resets
the timer register pair for whichever timer resource is
currently assigned as the module’s time base. This
allows the CCPRx registers to serve as a programmable
period register for either timer.
The special event trigger for CCP2 can also start an
A/D conversion. In order to do this, the A/D converter
must already be enabled.
CCP3 is not equipped with a special event trigger.
Selecting the Compare Special Event Trigger mode for
this device (CCP3M3:CCP3M0 = 1011) is functionally
the same as selecting the Generate Software Interrupt
mode (CCP3M3:CCP3M0 = 1010).
CLRF
CCP2CON
; Turn CCP module off
MOVLW
NEW_CAPT_PS
; Load WREG with the
; new prescaler mode
; value and CCP ON
MOVWF
CCP2CON
; Load CCP2CON with
; this value
Note:
Clearing the CCP2CON register will force
the RC1 or RE7 compare output latch
(depending on device configuration) to the
default low level. This is not the PORTC or
PORTE I/O data latch.
Note:
The special event trigger of CCP1 only
resets Timer1/Timer3 and cannot start an
A/D conversion even when the A/D
converter is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com