Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6310E/PTSQTP Datasheet(PDF) 166 Page - Microchip Technology

Part # PIC18F6310E/PTSQTP
Description  64/80-Pin Flash Microcontrollers with nanoWatt Technology
PDF  404 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6310E/PTSQTP Datasheet(HTML) 166 Page - Microchip Technology

Back Button PIC18F6310E/PTSQTP Datasheet HTML 162Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 163Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 164Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 165Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 166Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 167Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 168Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 169Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 170Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 404 page
background image
PIC18F6310/6410/8310/8410
DS39635A-page 164
Preliminary
 2004 Microchip Technology Inc.
TABLE 15-2:
REGISTERS ASSOCIATED WITH CAPTURE, COMPARE, TIMER1 AND TIMER3
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on Page
INTCON
GIE/GIEH PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
57
RCON
IPEN
SBOREN
—
RI
TO
PD
POR
BOR
58
PIR1
PSPIF
ADIF
RC1IF
TX1IF
SSPIF
CCP1IF
TMR2IF
TMR1IF
59
PIE1
PSPIE
ADIE
RC1IE
TX1IE
SSPIE
CCP1IE
TMR2IE
TMR1IE
59
IPR1
PSPIP
ADIP
RC1IP
TX1IP
SSPIP
CCP1IP
TMR2IP
TMR1IP
59
PIR2
OSCFIF
CMIF
—
—
BCLIF
HLVDIF
TMR3IF
CCP2IF
59
PIE2
OSCFIE
CMIE
—
—
BCLIE
HLVDIE
TMR3IE
CCP2IE
59
IPR2
OSCFIP
CMIP
—
—
BCLIP
HLVDIP
TMR3IP
CCP2IP
59
PIR3
—
—
RC2IF
TX2IF
—
—
—
CCP3IF
59
PIE3
—
—
RC2IE
TX2IE
—
—
—
CCP3IE
59
IPR3
—
—
RC2IP
TX2IP
—
—
—
CCP3IP
59
TRISB
PORTB Data Direction Register
60
TRISC
PORTC Data Direction Register
60
TRISE
PORTE Data Direction Register
60
TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1 Register
58
TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1 Register
58
T1CON
RD16
T1RUN
T1CKPS1 T1CKPS0 T1OSCEN T1SYNC
TMR1CS
TMR1ON
58
TMR3H
Timer3 Register High Byte
59
TMR3L
Timer3 Register Low Byte
59
T3CON
RD16
T3CCP2
T3CKPS1 T3CKPS0
T3CCP1
T3SYNC
TMR3CS
TMR3ON
59
CCPR1L
Capture/Compare/PWM Register 1 (LSB)
59
CCPR1H
Capture/Compare/PWM Register 1 (MSB)
59
CCP1CON
—
—
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0
59
CCPR2L
Capture/Compare/PWM Register 2 (LSB)
59
CCPR2H
Capture/Compare/PWM Register 2 (MSB)
59
CCP2CON
—
—
DC2B1
DC2B0
CCP2M3
CCP2M2
CCP2M1
CCP2M0
59
CCPR3L
Capture/Compare/PWM Register 3 (LSB)
59
CCPR3H
Capture/Compare/PWM Register 3 (MSB)
59
CCP3CON
—
—
DC3B1
DC3B0
CCP3M3
CCP3M2
CCP3M1
CCP3M0
59
Legend: — = unimplemented, read as ‘0’. Shaded cells are not used by Capture/Compare, Timer1 or Timer3.
Note 1:
These bits are unimplemented on 64-pin devices; always maintain these bits clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com