Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6310E/PTSQTP Datasheet(PDF) 167 Page - Microchip Technology

Part # PIC18F6310E/PTSQTP
Description  64/80-Pin Flash Microcontrollers with nanoWatt Technology
PDF  404 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6310E/PTSQTP Datasheet(HTML) 167 Page - Microchip Technology

Back Button PIC18F6310E/PTSQTP Datasheet HTML 163Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 164Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 165Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 166Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 167Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 168Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 169Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 170Page - Microchip Technology PIC18F6310E/PTSQTP Datasheet HTML 171Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 404 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39635A-page 165
PIC18F6310/6410/8310/8410
15.4
PWM Mode
In Pulse-Width Modulation (PWM) mode, the CCP2 pin
produces up to a 10-bit resolution PWM output. Since
the CCP2 pin is multiplexed with a PORTC or PORTE
data latch, the appropriate TRIS bit must be cleared to
make the CCP2 pin an output.
Figure 15-4 shows a simplified block diagram of the
CCP module in PWM mode.
For a step-by-step procedure on how to set up the CCP
module for PWM operation, see Section 15.4.3
“Setup for Pwm Operation”.
FIGURE 15-4:
SIMPLIFIED PWM BLOCK
DIAGRAM
A PWM output (Figure 15-5) has a time base (period)
and a time that the output stays high (duty cycle). The
frequency of the PWM is the inverse of the period
(1/period).
FIGURE 15-5:
PWM OUTPUT
15.4.1
PWM PERIOD
The PWM period is specified by writing to the PR2
register. The PWM period can be calculated using the
following formula:
EQUATION 15-1:
PWM frequency is defined as 1/[PWM period].
When TMR2 is equal to PR2, the following three events
occur on the next increment cycle:
•TMR2 is cleared
• The CCP2 pin is set (exception: if PWM duty
cycle = 0%, the CCP2 pin will not be set)
• The PWM duty cycle is latched from CCPR2L into
CCPR2H
Note:
Clearing the CCP2CON register will force
the RC1 or RE7 output latch (depending
on device configuration) to the default low
level. This is not the PORTC or PORTE
I/O data latch.
CCPR1L
CCPR1H (Slave)
Comparator
TMR2
Comparator
PR2
(Note 1)
R
Q
S
Duty Cycle Registers
CCP1CON<5:4>
Clear Timer,
CCP1 pin and
latch D.C.
TRISC<2>
RC2/CCP1
Note 1: The 8-bit TMR2 value is concatenated with the 2-bit
internal Q clock, or 2 bits of the prescaler, to create the
10-bit time base.
Note:
The Timer2 postscalers (see Section 13.0
“Timer2 Module”) are not used in the
determination of the PWM frequency. The
postscaler could be used to have a servo
update rate at a different frequency than
the PWM output.
Period
Duty Cycle
TMR2 = PR2
TMR2 = Duty Cycle
TMR2 = PR2
PWM Period = (PR2) + 1] • 4 • TOSC •
(TMR2 Prescale Value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com